Electronic Components Datasheet Search
  English  ▼

X  

MICRF506 Datasheet(PDF) 18 Page - Micrel Semiconductor

Part # MICRF506
Description  410MHz and 450MHz ISM Band Transceiver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF506 Datasheet(HTML) 18 Page - Micrel Semiconductor

Back Button MICRF506 Datasheet HTML 14Page - Micrel Semiconductor MICRF506 Datasheet HTML 15Page - Micrel Semiconductor MICRF506 Datasheet HTML 16Page - Micrel Semiconductor MICRF506 Datasheet HTML 17Page - Micrel Semiconductor MICRF506 Datasheet HTML 18Page - Micrel Semiconductor MICRF506 Datasheet HTML 19Page - Micrel Semiconductor MICRF506 Datasheet HTML 20Page - Micrel Semiconductor MICRF506 Datasheet HTML 21Page - Micrel Semiconductor MICRF506 Datasheet HTML 22Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
Micrel
MICRF506
September 2004
18
M9999-092904
(408) 955-1690
Switched Capacitor Filter
A6..A0
D7
D6
D5D4D3D2D1D0
0001000
‘1’
ScClk_X2
ScClk5
ScClk4
ScClk3
ScClk2
ScClk1
ScClk0
The main channel filter is a switched-capacitor
implementation of a six-pole elliptic low pass filter.
The elliptic filter minimized the total capacitance
required for a given selectivity and dynamic range.
The cut-off frequency of the switched-capacitor filter
is adjustable by changing the clock frequency.
The clock frequency is designed to be 20 times the
cut-off frequency. The clock frequency is derived
from
the
reference
crystal
oscillator.
A
programmable 6-bit divider divides the frequency of
the crystal oscillator. To generate the correct non-
overlapping clock-phases needed by the filter this
frequency is then divided by 4. The cut-off frequency
of the filter is given by:
fCUT =
fXCO
80
ScClk
when ScClk_X2=0 and
fCUT =
fXCO
40
ScClk
when SCClk_X2=1 where:
fCUT: Filter cutoff frequency
fXCO: Crystal oscillator frequency
ScCLK: Switched capacitor filter clock, bits
ScClk5-0
For instance, for a crystal frequency of 32MHz and if
the 6 bit divider divides the input frequency by 5 the
cut-off frequency of the SC filter is 32MHz/(80 x 5) =
80MHz. 1
st order RC lowpass filters are connected to
the output of the SC filter-to-filter the clock
frequency.
The lowest cutoff frequency in the pre- and the main
channel filter must be set so that the received signal
is passed with no attenuation, which is frequency
deviation plus modulation. If there are any frequency
offset between the transmitter and the receiver, this
must also be taken into consideration. A formula for
the receiver bandwidth can be summarized as
follows:
fBW = + fOFFSET + fDEV + Baudrate / 2
where
fBW: Needed receiver bandwidth, fcut above
should not be smaller than fBW (Hz)
foffset: Total frequency offset between receiver
and transmitter (Hz)
fDEV: Single-sided frequency deviation, see
chapter Modulator on how to calculate (Hz)
Baudrate: The baud rate given is bit/sec
RSSI
A6..A0
D7
D6D5
D4
D3
D2D1
D0
0000001
Modulation1
Modulation0
‘0’
‘0’
RSSI_en
LD_en
PF_FC1
PF_FC0
RSSI
33kohm, 1nF, 125kbps, BW=200kHz, Vdd=2.5V
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
-125
-115
-105
-95
-85
-75
-65
-55
-45
-35
-25
Pin [dBm]
Figure 13. RSSI Voltage
C10
1nF
R2
33k
Pin 14
RSSI
RSSI
Figure 14. RSSI Network
A Typical plot of the RSSI voltage as function of
input power is shown in Figure 13. The RSSI has a
dynamic range of about 50dB from about -110dBm
to -60dBm input power.
The RSSI can be used as a signal presence
indicator. When a RF signal is received, the RSSI
output increases. This could be used to wake up
circuitry that is normally in a sleep mode
configuration to conserve battery life.
Another application for which the RSSI could be
used is to determine if transmit power can be
reduced in a system. If the RSSI detects a strong
signal, if could tell the transmitter to reduce the
transmit power to reduce current consumption.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com