Electronic Components Datasheet Search
  English  ▼

X  

MICRF506 Datasheet(PDF) 25 Page - Micrel Semiconductor

Part # MICRF506
Description  410MHz and 450MHz ISM Band Transceiver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF506 Datasheet(HTML) 25 Page - Micrel Semiconductor

Back Button MICRF506 Datasheet HTML 20Page - Micrel Semiconductor MICRF506 Datasheet HTML 21Page - Micrel Semiconductor MICRF506 Datasheet HTML 22Page - Micrel Semiconductor MICRF506 Datasheet HTML 23Page - Micrel Semiconductor MICRF506 Datasheet HTML 24Page - Micrel Semiconductor MICRF506 Datasheet HTML 25Page - Micrel Semiconductor MICRF506 Datasheet HTML 26Page - Micrel Semiconductor MICRF506 Datasheet HTML 27Page - Micrel Semiconductor MICRF506 Datasheet HTML 28Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
Micrel
MICRF506
September 2004
25
M9999-092904
(408) 955-1690
where INT() returns the integer part of the argument.
Mod_la
Mod_lb
Mod_la > Mod_lb
Figure 21. Two Different Modulator Current Settings
Modulator Attenuator
A third way to set the deviation is by programming
the modulator attenuator, Mod_A2..Mod_A0, the last
being LSB. The purpose of the attenuator is to allow
small deviations when the bit rate is small and/or the
BT is small (these settings will give a relatively slow
modulator clock, and therefore long rise- and fall
times, which in turn results in large frequency
deviations). In addition, the attenuator will improve
the resolution in the modulator.
Mod_Aa
Mod_Ab
Mod_Ab > Mod_Ab
Figure 22. Two Different Modulator Attenuator
Settings
The effect of the attenuator is given by:
f
DEVIATION
1
1+ Mod_A
- Figure 22 shows two waveforms with different
attenuator setting:
Mod_Ab
M od_A a <
. If mod_A
is increased, the frequency deviation is lowered and
vice versa.
Modulator Filter
To reduce the high-frequency components in the
generated waveform, a filter with programmable cut-
off frequency can be enabled. This is done using
Mod_F2..Mod_F0, the least one being LSB. The
Mod_F should be set according to the formula:
Mod_filter on
Mod_filter off
Figure 23. Modulator Waveform with and without
Filtering
Mod_F=0 disables the modulator filter and Mod_F=7
gives most filtering. Figure 22 shows a waveform
with and without the filter.
Calculation of the Frequency Deviation
The parameters influencing the frequency deviation
can be summarized in the following equations:
f
MOD_CLK =
f
XCO
Refclk_K 2
(7
Mod_clkS )
f
DEV =
Mod_I
f
MOD_CLK
1
1+ Mod_A
C
1 + C2
f
RF
()
Where:
fDEV:
Single sided frequency deviation
[Hz]
fXCO:
Crystal oscillator frequency [Hz]
fRF:
Center frequency [Hz]
Refclk_K:
6 bit divider, values between 1
and 63
Mod_clkS:
Modulator clock setting, values
between 0 and 7
fMOD_CLK:
Modulator clock frequency,
derived
from
the
crystal
frequency,
Refclk_K
and
Mod_clkS
Mod_I:
Modulator
current
setting,
values between 0 and 31
Mod_A:
Modulator attenuator setting,
values between 0 and 15
C1:
-2.17_10
10
C2:
82



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com