Electronic Components Datasheet Search
  English  ▼

X  

MICRF506 Datasheet(PDF) 10 Page - Micrel Semiconductor

Part # MICRF506
Description  410MHz and 450MHz ISM Band Transceiver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF506 Datasheet(HTML) 10 Page - Micrel Semiconductor

Back Button MICRF506 Datasheet HTML 6Page - Micrel Semiconductor MICRF506 Datasheet HTML 7Page - Micrel Semiconductor MICRF506 Datasheet HTML 8Page - Micrel Semiconductor MICRF506 Datasheet HTML 9Page - Micrel Semiconductor MICRF506 Datasheet HTML 10Page - Micrel Semiconductor MICRF506 Datasheet HTML 11Page - Micrel Semiconductor MICRF506 Datasheet HTML 12Page - Micrel Semiconductor MICRF506 Datasheet HTML 13Page - Micrel Semiconductor MICRF506 Datasheet HTML 14Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
Micrel
MICRF506
September 2004
10
M9999-092904
(408) 955-1690
Writing to All Registers
After a power-on, all writable registers should be
written. This is described here.
Writing to all register can be done at any time. To
get the simplest firmware, always write to all
registers. The price to pay for the simplicity is
increased write-time, which leads to increased time
to change the way the MICRF506 works.
What to write
Field
Comments
Address:
‘000000’ (address of the first register to write
to, which is 0)
R/W bit:
“0” for writing
Values:
1st
Octet:
wanted
values
for
ControlRegister0. 2nd Octet: wanted values
for ControlRegister1 and so on for all of the
octets. So the 22nd octet wants values for
ControlRegister21. Refer to the specific
sections of this document for actual values.
Table 4.
“Address” and “R/W bit” together make 1 octet.
In addition, 22 octets with programming bits are entered.
In total, 23 octets are clocked into the MICRF506.
How to write:
•
Bring CS high
•
Use SCLK and IO to clock in the 23 octets
•
Bring CS low
Refer to the figure in the next section, “Writing to n
registers having incremental addresses”.
Writing to n Registers having Incremental
Addresses
In addition to entering all bytes, it is also possible to
enter a set of n bytes, starting from address i = “A6,
A5, … A0”. Typical example: Clock in a new set of
frequency dividers (i.e. change the RF frequency).
“Incremental addresses”. Registers to be written are
located in i, i+1, i+2.
What to write
Field
Comments
Address:
7 bit = A6, A5, …A0 (A6 = msb. A0 = lsb)
(address of first byte to write to)
R/W bit:
“0” for writing
Values:
n* 8 bits =
D7, D6, …D0 (D7 = msb, D0 = lsb) (written
to control reg. with address ”i”)
D7, D6, …D0 (D7 = msb, D0 = lsb) (written
to control reg. with address ”i+1”)
D7, D6, …D0 (D7 = msb, D0 = lsb) (written
to control reg. with address ”i+n-1”)
Table 5.
“Address” and “R/W bit” together make 1 octet.
In addition, n octets with programming bits are entered.
Totally, 1 +n octets are clocked into the MICRF506.
How to write:
•
Bring CS high
•
Use SCLK and IO to clock in the 1 + n
octets
•
Bring CS low
In Figure 1, IO is changed at positive edges of SCLK. The
MICRF506 samples the IO line at negative edges. The
value of the R/W bits is always “0” for writing.
CS
SCLK
IO
A6
A5
A0
RW
D7
D6
D2
D1
D0
Address of first
RW
register to write to,
register i
Data to write
into register i
Internal load pulse made here
Data to write
into register i+1
Figure 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com