Electronic Components Datasheet Search
  English  ▼

X  

MICRF506 Datasheet(PDF) 14 Page - Micrel Semiconductor

Part # MICRF506
Description  410MHz and 450MHz ISM Band Transceiver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF506 Datasheet(HTML) 14 Page - Micrel Semiconductor

Back Button MICRF506 Datasheet HTML 10Page - Micrel Semiconductor MICRF506 Datasheet HTML 11Page - Micrel Semiconductor MICRF506 Datasheet HTML 12Page - Micrel Semiconductor MICRF506 Datasheet HTML 13Page - Micrel Semiconductor MICRF506 Datasheet HTML 14Page - Micrel Semiconductor MICRF506 Datasheet HTML 15Page - Micrel Semiconductor MICRF506 Datasheet HTML 16Page - Micrel Semiconductor MICRF506 Datasheet HTML 17Page - Micrel Semiconductor MICRF506 Datasheet HTML 18Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
Micrel
MICRF506
September 2004
14
M9999-092904
(408) 955-1690
16.000000 MHz, frequency tolerance ±10ppm,
frequency stability ±9ppm, load capacitance 9pF,
pulling sensitivity 15ppm/pF.
-60,0
-40,0
-20,0
0,0
20,0
40,0
60,0
80,0
100,0
0
8
16
24
32
XCO bitvalue
2x1.5pF
2x0pF
Figure 6. XCO Tuning
The start up time is given in Table 7. As can be
seen, more capacitance will slow down the start up
time.
The start-up time of a crystal oscillator is typically
around a millisecond. Therefore, to save current
consumption, the XCO is turned on before any other
circuit block. During start-up the XCO amplitude will
eventually reach a sufficient level to trigger the M-
counter. After counting 2 M-counter output pulses
the rest of the circuit will be turned on. The current
consumption
during
the
prestart
period
is
approximately 280µA.
XCO Bitvalue
Start-up Time (ms)
0
590
1
590
2
700
4
700
8
810
16
1140
31
2050
Table 7. Typical values with C
EXT = 1.5pF
If an external reference is used instead of a crystal,
the signal shall be applied to pin 24, XtalOut. Due to
internal DC setting in the XCO, an AC coupling is
recommended to be used between the external
reference and the XtalOut-pin.
VCO
A6..A0
D7D6D5
D4
D3
D2
D1
D0
0000011
‘1’
‘1’
‘0’
VCO_IB2
VCO_IB1
VCO_IB0
VCO_freq1
VCO_freq0
The VCO has no external components. If has three
bit to set the bias current and two bit to set the VCO
frequency. These five bit are set by the RF
frequency, as follows:
RF freq.
VCO_IB2
VCO_IB1
VCO_IB0
VCO_freq1 VCO_freq0
410MHz
1
1
1
0
0
410-423MHz
0
1
1
0
1
423-436MHz
0
0
1
1
0
436-450MHz
0
0
0
1
1
Table 8. VCO Bit Setting
The bias bit will optimize the phase noise, and the
frequency bit will control a capacitor bank in the
VCO. The tuning range, the RF frequency versus
varactor voltage, is dependent on the VCO
frequency setting, and can be shown in Figure 7.
When the tuning voltage is in the range from 0.9V to
1.4V, the VCO gain is at its maximum, approximately
32 to 35MHz/V. It is recommended that the varactor
voltage stays in this range.
The input capacitance at the varactor pin must be
taken into consideration when designing the PLL
loop filter. This is most critical when designing a loop
filter with high bandwidth, which gives relatively
small component values. The input capacitance is
approximately 6pF.
VCO frequency gain, Vdd=2.5V
380
390
400
410
420
430
440
450
460
470
480
0
0.4
0.8
1.2
1.6
2
2.4
V_varactor [V]
11
10
01
00
Figure 7. RF Frequency vs. Varactor Voltage
and VCO Frequency bit (V
DD = 2.25V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com