Electronic Components Datasheet Search
  English  ▼

X  

MCP3001 Datasheet(PDF) 25 Page - Microchip Technology

Part # MCP3001
Description  2.7V 10 BIT A/D CONVERTER WITH SPI SERIAL INTERFACE
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3001 Datasheet(HTML) 25 Page - Microchip Technology

Back Button MCP3001 Datasheet HTML 20Page - Microchip Technology MCP3001 Datasheet HTML 21Page - Microchip Technology MCP3001 Datasheet HTML 22Page - Microchip Technology MCP3001 Datasheet HTML 23Page - Microchip Technology MCP3001 Datasheet HTML 24Page - Microchip Technology MCP3001 Datasheet HTML 25Page - Microchip Technology MCP3001 Datasheet HTML 26Page - Microchip Technology MCP3001 Datasheet HTML 27Page - Microchip Technology MCP3001 Datasheet HTML 28Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
  0L.UR.KLS 7H.KQRORJ\ ,Q.
'6%SDJH
!
352'8&7 ,'(17,),&$7,21 6<67(0
7R RUGHU RU REWDLQ LQIRUPDWLRQ HJ RQ SUL.LQJ RU GHOLYHU\ UHIHU WR WKH ID.WRU\ RU WKH OLVWHG VDOHV RIIL.H
6DOHV DQG 6XSSRUW
'DWD 6KHHWV
3URGX.WV VXSSRUWHG E\ D SUHOLPLQDU\ 'DWD 6KHHW PD\ KDYH DQ HUUDWD VKHHW GHV.ULELQJ PLQRU RSHUDWLRQDO GLIIHUHQ.HV DQG UH.RP
PHQGHG ZRUNDURXQGV 7R GHWHUPLQH LIDQ HUUDWD VKHHW H[LVWV IRUD SDUWL.XODU GHYL.H SOHDVH .RQWD.WRQH RIWKH IROORZLQJ

<RXU OR.DO 0L.UR.KLS VDOHV RIIL.H

7KH 0L.UR.KLS &RUSRUDWH /LWHUDWXUH &HQWHU 86 )$;  

7KH 0L.UR.KLS :RUOGZLGH 6LWH ZZZPL.UR.KLS.RP
3OHDVH VSH.LI\ ZKL.K GHYL.H UHYLVLRQ RI VLOL.RQ DQG 'DWD 6KHHW LQ.OXGH /LWHUDWXUH
\RX DUH XVLQJ
1HZ &XVWRPHU 1RWLIL.DWLRQ 6\VWHP
5HJLVWHU RQ RXU ZHEVLWH ZZZPL.UR.KLS.RP.Q WR UH.HLYH WKH PRVW.XUUHQWLQIRUPDWLRQ RQ RXU SURGX.WV
3$57 12
;
;;
3D.NDJH
7HPSHUDWXUH
5DQJH
'HYL.H
'HYL.H
0&3 %LW 6HULDO $' &RQYHUWHU
0&37 %LW 6HULDO $' &RQYHUWHU
7DSH DQG 5HHO 62,& DQG 76623 RQO\
7HPSHUDWXUH 5DQJH
,
ƒ& WR ƒ&
3D.NDJH
3
3ODVWL. ',3  PLO %RG\ OHDG
61
3ODVWL. 62,&  PLO %RG\ OHDG
06
3ODVWL. 0L.UR 6PDOO 2XWOLQH 0623 OHDG
67
3ODVWL. 76623  PP OHDG
([DPSOHV
D
0&3,3,QGXVWULDO 7HPSHUDWXUH
3',3 SD.NDJH
E
0&3,61 ,QGXVWULDO 7HPSHUDWXUH
62,& SD.NDJH
.
0&3,67 ,QGXVWULDO 7HPSHUDWXUH
76623 SD.NDJH
G
0&3,06 ,QGXVWULDO 7HPSHUDWXUH
0623 SD.NDJH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com