Electronic Components Datasheet Search
  English  ▼

X  

MCP3001 Datasheet(PDF) 18 Page - Microchip Technology

Part # MCP3001
Description  2.7V 10 BIT A/D CONVERTER WITH SPI SERIAL INTERFACE
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3001 Datasheet(HTML) 18 Page - Microchip Technology

Back Button MCP3001 Datasheet HTML 14Page - Microchip Technology MCP3001 Datasheet HTML 15Page - Microchip Technology MCP3001 Datasheet HTML 16Page - Microchip Technology MCP3001 Datasheet HTML 17Page - Microchip Technology MCP3001 Datasheet HTML 18Page - Microchip Technology MCP3001 Datasheet HTML 19Page - Microchip Technology MCP3001 Datasheet HTML 20Page - Microchip Technology MCP3001 Datasheet HTML 21Page - Microchip Technology MCP3001 Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
!
'6%SDJH 
  0L.UR.KLS 7H.KQRORJ\ ,Q.

3$&.$*,1* ,1)250$7,21

3D.NDJH 0DUNLQJ ,QIRUPDWLRQ
XXXXXXXX
XXXXXNNN
YYWW
/HDG 3',3  PLO
([DPSOH
/HDG 62,&  PLO
([DPSOH
XXXXXXXX
XXXXYYWW
NNN
/HDG 76623
([DPSOH
MCP3001
I/PNNN
YYWW
MCP3001
ISNYYWW
NNN
/HDG 0623
([DPSOH
XXXX
YYWW
NNN
XXXXXX
YWWNNN
3001
IYWW
NNN
3001I
YWWNNN
/HJHQG ;;; &XVWRPHU VSH.LIL. LQIRUPDWLRQ
<<
<HDU .RGH ODVW  GLJLWV RI .DOHQGDU \HDU
::
:HHN .RGH ZHHN RI -DQXDU\ LV ZHHN µ¶
111
$OSKDQXPHUL. WUD.HDELOLW\ .RGH
1RWH ,Q WKH HYHQW WKH IXOO 0L.UR.KLS SDUW QXPEHU .DQQRW EH PDUNHG RQ RQH OLQH LW ZLOO
EH .DUULHG RYHU WR WKH QH[W OLQH WKXV OLPLWLQJ WKH QXPEHU RI DYDLODEOH .KDUD.WHUV
IRU .XVWRPHU VSH.LIL. LQIRUPDWLRQ
6WDQGDUG GHYL.H PDUNLQJ .RQVLVWV RI 0L.UR.KLS SDUW QXPEHU \HDU .RGH ZHHN .RGH DQG WUD.HDELOLW\
.RGH
,//8675$7,216 12772 6&$/(



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com