Electronic Components Datasheet Search
  English  ▼

X  

MCP3001 Datasheet(PDF) 5 Page - Microchip Technology

Part # MCP3001
Description  2.7V 10 BIT A/D CONVERTER WITH SPI SERIAL INTERFACE
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3001 Datasheet(HTML) 5 Page - Microchip Technology

  MCP3001 Datasheet HTML 1Page - Microchip Technology MCP3001 Datasheet HTML 2Page - Microchip Technology MCP3001 Datasheet HTML 3Page - Microchip Technology MCP3001 Datasheet HTML 4Page - Microchip Technology MCP3001 Datasheet HTML 5Page - Microchip Technology MCP3001 Datasheet HTML 6Page - Microchip Technology MCP3001 Datasheet HTML 7Page - Microchip Technology MCP3001 Datasheet HTML 8Page - Microchip Technology MCP3001 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
  0L.UR.KLS 7H.KQRORJ\ ,Q.
'6%SDJH 
!
),*85(  7HVW &LU.XLWV
9,+
W',6
&6
'287
:DYHIRUP 
'287
:DYHIRUP ‚


:DYHIRUP  LV IRU DQ RXWSXW ZLWK LQWHUQDO .RQGL
WLRQV VX.K WKDW WKH RXWSXWLV KLJK XQOHVV GLVDEOHG
E\ WKH RXWSXW .RQWURO
‚ :DYHIRUP  LV IRU DQ RXWSXW ZLWK LQWHUQDO .RQGL
WLRQV VX.K WKDW WKH RXWSXW LV ORZ XQOHVV GLVDEOHG
E\ WKH RXWSXW .RQWURO
9ROWDJH :DYHIRUPV IRU W',6
7HVW 3RLQW
9
'287
/RDG.LU.XLW IRU W5 W) W'2
NΩ
&/  S)
7HVW 3RLQW
'287
/RDG.LU.XLW IRU W',6 DQG W(1
NΩ
 S)
W',6 :DYHIRUP 
W',6 :DYHIRUP
&6
&/.
'287
W(1

%
9ROWDJH :DYHIRUPV IRU W(1
W(1 :DYHIRUP
9''
9''
966


'287
W5
9ROWDJH :DYHIRUPV IRU W5 W)
&/.
'287
W'2
9ROWDJH :DYHIRUPV IRU W'2
W)
92+
92/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com