Electronic Components Datasheet Search
  English  ▼

X  

MCP3001 Datasheet(PDF) 12 Page - Microchip Technology

Part # MCP3001
Description  2.7V 10 BIT A/D CONVERTER WITH SPI SERIAL INTERFACE
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3001 Datasheet(HTML) 12 Page - Microchip Technology

Back Button MCP3001 Datasheet HTML 8Page - Microchip Technology MCP3001 Datasheet HTML 9Page - Microchip Technology MCP3001 Datasheet HTML 10Page - Microchip Technology MCP3001 Datasheet HTML 11Page - Microchip Technology MCP3001 Datasheet HTML 12Page - Microchip Technology MCP3001 Datasheet HTML 13Page - Microchip Technology MCP3001 Datasheet HTML 14Page - Microchip Technology MCP3001 Datasheet HTML 15Page - Microchip Technology MCP3001 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
!
'6%SDJH 
  0L.UR.KLS 7H.KQRORJ\ ,Q.
1RWH 8QOHVV RWKHUZLVH LQGL.DWHG 9'' 95() 9 I6$03/(  NVSV I&/.  6DPSOH 5DWH 7$ ƒ&
),*85(  ,$ YV9
),*85(  ,$ YV 7HPSHUDWXUH
),*85(  $QDORJ ,QSXW /HDNDJH &XUUHQW YV
7HPSHUDWXUH
















' '
9# &6 9












%02507,9:70 S
9 9# &6 9


















7HPSHUDWXUH ƒ&
9'' 95() 9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com