Electronic Components Datasheet Search
  English  ▼

X  

MCP3001 Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP3001
Description  2.7V 10 BIT A/D CONVERTER WITH SPI SERIAL INTERFACE
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3001 Datasheet(HTML) 1 Page - Microchip Technology

  MCP3001 Datasheet HTML 1Page - Microchip Technology MCP3001 Datasheet HTML 2Page - Microchip Technology MCP3001 Datasheet HTML 3Page - Microchip Technology MCP3001 Datasheet HTML 4Page - Microchip Technology MCP3001 Datasheet HTML 5Page - Microchip Technology MCP3001 Datasheet HTML 6Page - Microchip Technology MCP3001 Datasheet HTML 7Page - Microchip Technology MCP3001 Datasheet HTML 8Page - Microchip Technology MCP3001 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
  0L.UR.KLS 7H.KQRORJ\ ,Q.
'6%SDJH 

!
)HDWXUHV
‡ ELW UHVROXWLRQ
‡ “ /6%PD[ '1/
‡ “ /6%PD[ ,1/
‡ 2Q.KLS VDPSOH DQG KROG
‡ 63,Œ VHULDO LQWHUID.H PRGHV   DQG 
‡ 6LQJOH VXSSO\ RSHUDWLRQ 9  9
‡  NVSV VDPSOLQJ UDWH DW 9
‡  NVSV VDPSOLQJ UDWH DW 9
‡ /RZ SRZHU &026 WH.KQRORJ\
  Q$W\SL.DO VWDQGE\ .XUUHQW  —$ PD[
  —$ PD[ D.WLYH .XUUHQW DW 9
‡ ,QGXVWULDO WHPS UDQJH ƒ& WR ƒ&
‡ SLQ 3',3 62,& 0623 DQG 76623 SD.NDJHV
$SSOL.DWLRQV
‡ 6HQVRU ,QWHUID.H
‡ 3UR.HVV &RQWURO
‡ 'DWD $.TXLVLWLRQ
‡ %DWWHU\ 2SHUDWHG 6\VWHPV
'HV.ULSWLRQ
7KH 0L.UR.KLS7H.KQRORJ\ ,Q. 0&3 LV D VX..HV
VLYH DSSUR[LPDWLRQ ELW $' .RQYHUWHU $'& ZLWK RQ
ERDUG VDPSOH DQG KROG .LU.XLWU\ 7KH GHYL.H SURYLGHV D
VLQJOH SVHXGRGLIIHUHQWLDO LQSXW 'LIIHUHQWLDO 1RQOLQHDU
LW\ '1/ DQG ,QWHJUDO 1RQOLQHDULW\ ,1/ DUH ERWK VSH.
LILHG DW “ /6%PD[ &RPPXQL.DWLRQ ZLWK WKH GHYL.H LV
GRQH XVLQJ D VLPSOH VHULDO LQWHUID.H .RPSDWLEOH ZLWK WKH
63, SURWR.RO 7KH GHYL.H LV .DSDEOH RI VDPSOH UDWHV XS
WR  NVSV DW D .OR.N UDWHRI  0+] 7KH 0&3
RSHUDWHV RYHU D EURDG YROWDJH UDQJH
9  9 
/RZ .XUUHQW GHVLJQ SHUPLWV RSHUDWLRQ ZLWK D W\SL.DO
VWDQGE\ .XUUHQW RI RQO\  Q$ DQG D W\SL.DO D.WLYH .XUUHQW
RI  —$7KHGHYL.HLV RIIHUHGLQ SLQ 3',3 0623
76623DQG PLO 62,& SD.NDJHV
3D.NDJH 7\SHV
)XQ.WLRQDO %OR.N 'LDJUDP
95()
,1
,1±
966
9''
&/.
'287
&66+'1








3',3 0623 62,& 76623
,OOXVWUDWLRQ QRWWR V.DOH
&RPSDUDWRU
6DPSOH
DQG
+ROG
%LW 6$5
'$&
&RQWURO /RJL.
&66+'1
95()
,1
,1
966
9''
&/.
'287
6KLIW
5HJLVWHU
9 %LW $' &RQYHUWHU ZLWK 63,Œ 6HULDO ,QWHUID.H
63,Œ LV D WUDGHPDUN RI 0RWRUROD ,Q.


Similar Part No. - MCP3001

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP3001 MICROCHIP-MCP3001 Datasheet
450Kb / 2P
MCP300X 10-Bit Analog-to-Digital Converters
2001
MCP3001-I/MS MICROCHIP-MCP3001-I/MS Datasheet
453Kb / 28P
2.7V 10 BIT A/D CONVERTER WITH SPI SERIAL INTERFACE
2007
MCP3001-I/P MICROCHIP-MCP3001-I/P Datasheet
453Kb / 28P
2.7V 10 BIT A/D CONVERTER WITH SPI SERIAL INTERFACE
2007
MCP3001-I/SN MICROCHIP-MCP3001-I/SN Datasheet
453Kb / 28P
2.7V 10 BIT A/D CONVERTER WITH SPI SERIAL INTERFACE
2007
MCP3001-I/ST MICROCHIP-MCP3001-I/ST Datasheet
453Kb / 28P
2.7V 10 BIT A/D CONVERTER WITH SPI SERIAL INTERFACE
2007
More results

Similar Description - MCP3001

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP3201 MICROCHIP-MCP3201 Datasheet
377Kb / 20P
2.7V 12-Bit A/D Converter with SPI Serial Interface
1999
MCP3202 MICROCHIP-MCP3202 Datasheet
386Kb / 20P
2.7V Dual Channel 12-Bit A/D Converter with SPI Serial Interface
1999
MCP3202 MICROCHIP-MCP3202_06 Datasheet
523Kb / 28P
2.7V Dual Channel 12-Bit A/D Converter with SPI Serial Interface
2006
MCP3201 MICROCHIP-MCP3201_07 Datasheet
489Kb / 28P
2.7V 12-Bit A/D Converter with SPI Serial Interface
2007
MCP3001 MICROCHIP-MCP3001_07 Datasheet
453Kb / 28P
2.7V 10 BIT A/D CONVERTER WITH SPI SERIAL INTERFACE
2007
MCP3002 MICROCHIP-MCP3002_07 Datasheet
439Kb / 28P
2.7V Dual Channel 10-Bit A/D Converter with SPI??Serial Interface
2007
MCP3202 MICROCHIP-MCP3202_08 Datasheet
606Kb / 32P
2.7V Dual Channel 12-Bit A/D Converter with SPI Serial Interface
2008
MCP3201 MICROCHIP-MCP3201_08 Datasheet
713Kb / 36P
2.7V 12-Bit A/D Converter with SPI Serial Interface
2008
MCP3002 MICROCHIP-MCP3002_08 Datasheet
585Kb / 34P
2.7V Dual Channel 10-Bit A/D Converter with SPI Serial Interface
2008
MCP3002 MICROCHIP-MCP3002 Datasheet
1Mb / 34P
2.7V Dual Channel 10-Bit A/D Converter with SPI Serial Interface
Revision E November 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com