Electronic Components Datasheet Search
  English  ▼

X  

MCP3001 Datasheet(PDF) 24 Page - Microchip Technology

Part # MCP3001
Description  2.7V 10 BIT A/D CONVERTER WITH SPI SERIAL INTERFACE
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3001 Datasheet(HTML) 24 Page - Microchip Technology

Back Button MCP3001 Datasheet HTML 20Page - Microchip Technology MCP3001 Datasheet HTML 21Page - Microchip Technology MCP3001 Datasheet HTML 22Page - Microchip Technology MCP3001 Datasheet HTML 23Page - Microchip Technology MCP3001 Datasheet HTML 24Page - Microchip Technology MCP3001 Datasheet HTML 25Page - Microchip Technology MCP3001 Datasheet HTML 26Page - Microchip Technology MCP3001 Datasheet HTML 27Page - Microchip Technology MCP3001 Datasheet HTML 28Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
!
'6%SDJH 
  0L.UR.KLS 7H.KQRORJ\ ,Q.
5($'(5 5(63216(
,W LV RXU LQWHQWLRQ WR SURYLGH \RX ZLWK WKH EHVW GR.XPHQWDWLRQ SRVVLEOH WR HQVXUH VX..HVVIXO XVH RI \RXU 0L.UR.KLS SURG
X.W ,I \RX ZLVK WR SURYLGH \RXU .RPPHQWV RQ RUJDQL]DWLRQ .ODULW\ VXEMH.W PDWWHU DQG ZD\V LQ ZKL.K RXU GR.XPHQWDWLRQ
.DQ EHWWHU VHUYH \RX SOHDVH )$; \RXU .RPPHQWV WR WKH 7H.KQL.DO 3XEOL.DWLRQV 0DQDJHU DW  
3OHDVH OLVW WKH IROORZLQJ LQIRUPDWLRQ DQG XVH WKLV RXWOLQH WR SURYLGH XV ZLWK \RXU .RPPHQWV DERXW WKLV 'DWD 6KHHW
 :KDW DUH WKH EHVW IHDWXUHV RI WKLV GR.XPHQW"
 +RZ GRHV WKLVGR.XPHQW PHHW \RXU KDUGZDUH DQGVRIWZDUH GHYHORSPHQW QHHGV"
 'R \RX ILQG WKH RUJDQL]DWLRQ RI WKLV GDWD VKHHW HDV\ WR IROORZ" ,I QRW ZK\"
 :KDW DGGLWLRQV WR WKH GDWD VKHHW GR \RX WKLQN ZRXOG HQKDQ.H WKHVWUX.WXUHDQG VXEMH.W"
 :KDW GHOHWLRQV IURP WKH GDWD VKHHW .RXOG EH PDGH ZLWKRXW DIIH.WLQJ WKH RYHUDOO XVHIXOQHVV"
 ,V WKHUH DQ\ LQ.RUUH.W RU PLVOHDGLQJ LQIRUPDWLRQ ZKDW DQG ZKHUH "
 +RZ ZRXOG \RX LPSURYH WKLV GR.XPHQW"
 +RZ ZRXOG \RX LPSURYH RXU VRIWZDUH V\VWHPV DQG VLOL.RQ SURGX.WV"
7R
7H.KQL.DO 3XEOL.DWLRQV 0DQDJHU
5(
5HDGHU 5HVSRQVH
7RWDO 3DJHV6HQW
)URP 1DPH
&RPSDQ\
$GGUHVV
&LW\ 6WDWH  =,3  &RXQWU\
7HOHSKRQH BBBBBBB BBBBBBBBB  BBBBBBBBB
$SSOL.DWLRQ RSWLRQDO 
:RXOG \RX OLNH D UHSO\"
<
1
'HYL.H
/LWHUDWXUH 1XPEHU
4XHVWLRQV
)$; BBBBBB BBBBBBBBB  BBBBBBBBB
'6%
0&3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com