Electronic Components Datasheet Search
  English  ▼

X  

PCA9501 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PCA9501
Description  8-bit I2C and SMBus I/O port with interrupt, 2-kbit EEPROM and 6 address pins
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9501 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PCA9501 Datasheet HTML 3Page - NXP Semiconductors PCA9501 Datasheet HTML 4Page - NXP Semiconductors PCA9501 Datasheet HTML 5Page - NXP Semiconductors PCA9501 Datasheet HTML 6Page - NXP Semiconductors PCA9501 Datasheet HTML 7Page - NXP Semiconductors PCA9501 Datasheet HTML 8Page - NXP Semiconductors PCA9501 Datasheet HTML 9Page - NXP Semiconductors PCA9501 Datasheet HTML 10Page - NXP Semiconductors PCA9501 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
Philips Semiconductors
Product data
PCA9501
8-bit I2C and SMBus I/O port with interrupt,
2-kbit EEPROM and 6 address pins
2003 Sep 12
7
Quasi-bidirectional I/Os (see Figure 8)
A quasi-bidirectional I/O can be used as an input or output without the use of a control signal for data direction. At power-on the I/Os are HIGH.
In this mode, only a current source to VDD is active. An additional strong pull-up to VDD allows fast rising edges into heavily loaded outputs.
These devices turn on when an output is written HIGH, and are switched off by the negative edge of SCL. The I/Os should be HIGH before
being used as inputs.
S
0
A2
A1
A0
0
A
A
A
SDA
SCL
12
34
5
6
7
8
SW00904
ACKNOWLEDGE
FROM SLAVE
R/W
START CONDITION
ACKNOWLEDGE
FROM SLAVE
SLAVE ADDRESS (I/O EXPANDER)
DATA TO PORT
DATA TO PORT
1
I/O3
0
I/O3
P
I/O3
OUTPUT
VOLTAGE
I/O3
PULL-UP
OUTPUT
CURRENT
IOHt
IOH
A5
A4 A3
Figure 8. Transient pull-up current IOHt while I/O3 changes from LOW-to-HIGH and back to LOW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com