Electronic Components Datasheet Search
  English  ▼

X  

PCA9501 Datasheet(PDF) 16 Page - NXP Semiconductors

Part # PCA9501
Description  8-bit I2C and SMBus I/O port with interrupt, 2-kbit EEPROM and 6 address pins
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9501 Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button PCA9501 Datasheet HTML 12Page - NXP Semiconductors PCA9501 Datasheet HTML 13Page - NXP Semiconductors PCA9501 Datasheet HTML 14Page - NXP Semiconductors PCA9501 Datasheet HTML 15Page - NXP Semiconductors PCA9501 Datasheet HTML 16Page - NXP Semiconductors PCA9501 Datasheet HTML 17Page - NXP Semiconductors PCA9501 Datasheet HTML 18Page - NXP Semiconductors PCA9501 Datasheet HTML 19Page - NXP Semiconductors PCA9501 Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
Philips Semiconductors
Product data
PCA9501
8-bit I2C and SMBus I/O port with interrupt,
2-kbit EEPROM and 6 address pins
2003 Sep 12
16
NON-VOLATILE STORAGE SPECIFICATIONS
PARAMETER
SPECIFICATION
Memory cell data retention
10 years minimum
Number of memory cell write cycles
100,000 cycles minimum
I2C-BUS TIMING CHARACTERISTICS
SYMBOL
PARAMETER
MIN.
TYP.
MAX.
UNIT
I2C-bus timing (see Figure 22; Note 1)
fSCL
SCL clock frequency
—
—
400
kHz
tSW
tolerable spike width on bus
—
—
50
ns
tBUF
bus free time
1.3
—
—
µs
tSU;STA
START condition set-up time
0.6
—
—
µs
tHD;STA
START condition hold time
0.6
—
—
µs
tr
SCL and SDA rise time
—
—
0.3
µs
tf
SCL and SDA fall time
—
—
0.3
µs
tSU;DAT
data set-up time
250
—
—
ns
tHD;DAT
data hold time
0
—
—
ns
tVD;DAT
SCL LOW to data out valid
—
—
1.0
µs
tSU;STO
STOP condition set-up time
0.6
—
—
µs
NOTE:
1. All the timing values are valid within the operating supply voltage and ambient temperature range and refer to VIL and VIH with an input
voltage swing of VSS to VDD.
PORT TIMING CHARACTERISTICS
SYMBOL
PARAMETER
MIN
TYP
MAX
UNIT
tpv
Output data valid; CL ≤ 100 pF
—
—
4
µs
tps
Input data setup time; CL ≤ 100 pF
0
—
—
µs
tph
Input data hold time; CL ≤ 100 pF
4
—
—
µs
tiv
Interrupt input data valid time; CL ≤ 100 pF
—
—
4
µs
tir
Interrupt reset time; CL ≤ 100 pF
—
—
4
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com