Electronic Components Datasheet Search
  English  ▼

X  

PCA9501 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PCA9501
Description  8-bit I2C and SMBus I/O port with interrupt, 2-kbit EEPROM and 6 address pins
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9501 Datasheet(HTML) 3 Page - NXP Semiconductors

  PCA9501 Datasheet HTML 1Page - NXP Semiconductors PCA9501 Datasheet HTML 2Page - NXP Semiconductors PCA9501 Datasheet HTML 3Page - NXP Semiconductors PCA9501 Datasheet HTML 4Page - NXP Semiconductors PCA9501 Datasheet HTML 5Page - NXP Semiconductors PCA9501 Datasheet HTML 6Page - NXP Semiconductors PCA9501 Datasheet HTML 7Page - NXP Semiconductors PCA9501 Datasheet HTML 8Page - NXP Semiconductors PCA9501 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
Philips Semiconductors
Product data
PCA9501
8-bit I2C and SMBus I/O port with interrupt,
2-kbit EEPROM and 6 address pins
2003 Sep 12
3
PIN CONFIGURATION - SO, TSSOP
SW00903
A0
A1
A2
I/O0
I/O3
VDD
SDA
SCL
1
20
2
19
3
18
4
17
5
16
6
15
7
14
8
13
I/O1
I/O2
INT
WC
I/O7
I/O6
I/O5
I/O4
9
12
10
11
A5
VSS
A3
A4
PCA9501
Figure 1. Pin configuration - SO, TSSOP
PIN CONFIGURATION - HVQFN
15
14
13
12
11
1
2
3
4
5
SW02017
TOP VIEW
A2
I/O0
I/O1
I/O2
I/O3
INT
A5
VSS
A4
A3
I/O4
I/O7
WC
I/O5
I/O6
SCL
SDA
VDD
A0
A1
Figure 2. Pin configuration - HVQFN
PIN DESCRIPTION
PIN NUMBER
SYMBOL
NAME AND FUNCTION
SO, TSSOP
HVQFN
1, 2, 3, 9, 11, 12
19, 20, 1, 7, 9, 10
A0-5
Address lines (internal pull-up)
4, 5, 6, 7
2, 3, 4, 5
I/O0-3
Quasi-bidirectional I/O pins
8
6
INT
Active low interrupt output (open drain)
10
8
VSS
Supply ground
13, 14, 15, 16
11, 12, 13, 14
I/O4-7
Quasi-bidirectional I/O pins
17
15
WC
Active low write control pin
18
16
SCL
I2C serial clock
19
17
SDA
I2C serial data
20
18
VDD
Supply voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com