| Electronic Components Datasheet Search |
|
PCA9501 Datasheet(PDF) 11 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCA9501 Datasheet(HTML) 11 Page - NXP Semiconductors |
|
11 / 22 page ![]() Philips Semiconductors Product data PCA9501 8-bit I2C and SMBus I/O port with interrupt, 2-kbit EEPROM and 6 address pins 2003 Sep 12 11 CHARACTERISTICS OF THE I2C-BUS The I2C-bus is for 2-way, 2-line communication between different ICs or modules. The two lines are a serial data line (SDA) and a serial clock line (SCL). Both lines must be connected to a positive supply via a pull-up resistor when connected to the output stages of a device. Data transfer may be initiated only when the bus is not busy. Bit transfer One data bit is transferred during each clock phase. The data on the SDA line must remain stable during the HIGH period of the clock pulse as changes in the data line at this time will be interpreted as control signals (See Figure 16). Start and stop conditions Both data and clock lines remain HIGH when the bus is not busy. A HIGH-to-LOW transition of the data line, while the clock is HIGH is defined as the start condition (S). A LOW-to-HIGH transition of the data line while the clock is HIGH is defined as the stop condition (P) (see Figure 17). System configuration A device generating a message is a “transmitter”, a device receiving is the “receiver”. The device that controls the message is the “master” and the devices which are controlled by the master are the “slaves” (see Figure 18). SDA SCL SW00542 DATA LINE STABLE; DATA VALID CHANGE OF DATA ALLOWED Figure 16. Bit transfer SDA SCL P SDA SCL S SW00543 START CONDITION STOP CONDITION Figure 17. Definition of start and stop conditions SDA SCL SW00544 MASTER TRANSMITTER/ RECEIVER SLAVE RECEIVER SLAVE TRANSMITTER/ RECEIVER MASTER TRANSMITTER MASTER TRANSMITTER/ RECEIVER Figure 18. System configuration |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |