| Electronic Components Datasheet Search |
|
PCA9501 Datasheet(PDF) 9 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCA9501 Datasheet(HTML) 9 Page - NXP Semiconductors |
|
9 / 22 page ![]() Philips Semiconductors Product data PCA9501 8-bit I2C and SMBus I/O port with interrupt, 2-kbit EEPROM and 6 address pins 2003 Sep 12 9 MEMORY OPERATIONS Write operations Write operations require an additional address field to indicate the memory address location to be written. The address field is eight bits long providing access to any one of the 256 words of memory. There are two types of write operations, byte write and page write. Write operation is possible when WC control pin put at a low logic level (0). When this control signal is set at 1, write operation is not possible and data in the memory is protected. Byte Write and Page Write explained below assume that Write Control pin (WC) is set to 0. Byte Write (see Figure 11) To perform a byte write the start condition is followed by the memory slave address and the R/W bit set to 0. The PCA9501 will respond with an acknowledge and then consider the next eight bits sent as the word address and the eight bits after the word address as the data. The PCA9501 will issue an acknowledge after the receipt of both the word address and the data. To terminate the data transfer the master issues the stop condition, initiating the internal write cycle to the non-volatile memory. Only write and read operations to the quasi-bidirectional I/Os are allowed during the internal write cycle. Page Write (see Figure 12) A page write is initiated in the same way as the byte write, if after sending the first word of data, the stop condition is not received the PCA9501 considers subsequent words as data. After each data word the PCA9501 responds with an acknowledge and the four least significant bits of the memory address field are incremented. Should the master not send a stop condition after 16 data words the address counter will return to its initial value and overwrite the data previously written. After the receipt of the stop condition the inputs will behave as with the byte write during the internal write cycle. SW00651 S 1 A5 A4 A3 A2 A1 A0 0 A A SDA ACKNOWLEDGE FROM SLAVE R/W START CONDITION ACKNOWLEDGE FROM SLAVE SLAVE ADDRESS (MEMORY) WORD ADDRESS A P DATA ACKNOWLEDGE FROM SLAVE STOP CONDITION. WRITE TO THE MEMORY IS PERFORMED Figure 11. Byte write SW00652 ACKNOWLEDGE FROM SLAVE S 1 A5 A4 A3 A2 A1 A0 0 A A A SDA ACKNOWLEDGE FROM SLAVE R/W START CONDITION ACKNOWLEDGE FROM SLAVE SLAVE ADDRESS (MEMORY) WORD ADDRESS DATA TO MEMORY DATA n A P DATA n + 3 STOP CONDITION. WRITE TO THE MEMORY IS PERFORMED DATA TO MEMORY Figure 12. Page Write |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |