Electronic Components Datasheet Search
  English  ▼

X  

S7804 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # S7804
Description  CpG WIZ Prader-Willi/Angelman Amplification Kit
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

S7804 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button S7804 Datasheet HTML 4Page - List of Unclassifed Manufacturers S7804 Datasheet HTML 5Page - List of Unclassifed Manufacturers S7804 Datasheet HTML 6Page - List of Unclassifed Manufacturers S7804 Datasheet HTML 7Page - List of Unclassifed Manufacturers S7804 Datasheet HTML 8Page - List of Unclassifed Manufacturers S7804 Datasheet HTML 9Page - List of Unclassifed Manufacturers S7804 Datasheet HTML 10Page - List of Unclassifed Manufacturers S7804 Datasheet HTML 11Page - List of Unclassifed Manufacturers S7804 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
4
II. KIT COMPONENTS
The components of CpG WIZ™ Amplification Kits include those required for
PCR amplification after bisulfite modification of DNA samples. Sufficient
reagents are provided to analyze 25 samples with appropriate controls.
Table 1: CpG WIZ™ p16 (S7800), p15 (S7802) and E-cadherin (S7804)
Amplification Kit Components (color-coded microcentrifuge tube caps)
Description
Amount
Storage
Conditions
U Primer Set
5 µM each primer (25X)
35 µL (white cap)
-15°C to -25°C
M Primer Set
5 µM each primer (25X)
35 µL (red cap)
-15°C to -25°C
W Primer Set
5 µM each primer (25X)
35 µL (green cap)
-15°C to -25°C
U control DNA
0.1 µgµL
50 µL (white cap)
-15°C to -25°C
M control DNA
0.1 µg/µL
50 µL (red cap)
-15°C to -25°C
W control DNA
0.05 µg/µL
50 µL (green cap)
-15°C to -25°C
Universal 10X PCR Buffer
265 µL (blue cap)
-15°C to -25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com