Electronic Components Datasheet Search
  English  ▼

X  

S7804 Datasheet(PDF) 16 Page - List of Unclassifed Manufacturers

Part # S7804
Description  CpG WIZ Prader-Willi/Angelman Amplification Kit
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

S7804 Datasheet(HTML) 16 Page - List of Unclassifed Manufacturers

Back Button S7804 Datasheet HTML 12Page - List of Unclassifed Manufacturers S7804 Datasheet HTML 13Page - List of Unclassifed Manufacturers S7804 Datasheet HTML 14Page - List of Unclassifed Manufacturers S7804 Datasheet HTML 15Page - List of Unclassifed Manufacturers S7804 Datasheet HTML 16Page - List of Unclassifed Manufacturers S7804 Datasheet HTML 17Page - List of Unclassifed Manufacturers S7804 Datasheet HTML 18Page - List of Unclassifed Manufacturers S7804 Datasheet HTML 19Page - List of Unclassifed Manufacturers S7804 Datasheet HTML 20Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
12
f. Remove the tubes from the thermocycler block. From this point on, it is
important to designate separate pipettes and work areas for amplified vs.
unamplified samples. This prevents carry-over contamination of future DNA
samples with the amplified product.
STEP 3. Gel Electrophoresis
a. After the completion of PCR, add an appropriate amount of loading dye to
the sample and analyze 5 µL of the reaction on a 2% agarose, or a 10%
native acrylamide or other high resolution agarose gel. Use DNA markers
(100-300 bp range) to determine the size of PCR products.
b. After electrophoresis, stain the gel with ethidium bromide. Dilute the 10
mg/mL stock solution 1:10,000 in deionized water. Stain for 10-30 minutes
and destain for 10-30 minutes in deionized water at room temperature.
Note: Ethidium bromide is a known carcinogen. Exercise appropriate
caution and good lab practice when using this reagent.
CpG WIZ™ Prader-Willi/Angelman (S7806) Amplification Kit
Experimental
Design
Primer Sets
The CpG WIZ™ Prader-Willi/Angelman Amplification Kit contains primers
that can be used for analysis of DNA samples by MSP. However, the first step
of MSP is the bisulfite modification of the DNA samples. CpGenome™ DNA
Modification Kit (S7820), contains the reagents necessary to perform the
modification. This chemical modification creates the sequence differences
between the methylated and unmethylated DNA. The primer sets in the kit are
engineered to anneal to the DNA, based upon the sequence differences.
P (Paternal) Primer Set will anneal to unmethylated DNA that has undergone a
chemical modification.
M (Maternal) Primer Set will anneal to methylated DNA that has undergone a
chemical modification.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com