Electronic Components Datasheet Search
  English  ▼

X  

S7804 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # S7804
Description  CpG WIZ Prader-Willi/Angelman Amplification Kit
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

S7804 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button S7804 Datasheet HTML 5Page - List of Unclassifed Manufacturers S7804 Datasheet HTML 6Page - List of Unclassifed Manufacturers S7804 Datasheet HTML 7Page - List of Unclassifed Manufacturers S7804 Datasheet HTML 8Page - List of Unclassifed Manufacturers S7804 Datasheet HTML 9Page - List of Unclassifed Manufacturers S7804 Datasheet HTML 10Page - List of Unclassifed Manufacturers S7804 Datasheet HTML 11Page - List of Unclassifed Manufacturers S7804 Datasheet HTML 12Page - List of Unclassifed Manufacturers S7804 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
5
Table 2: CpG WIZ™ Prader-Willi/Angelman (S7806) Amplification Kit
Components (color-coded microcentrifuge tubes)
Description
Amount
Storage
Conditions
P (paternal) primer set
5 µM each primer (25X)
70 µL (white cap)
-15°C to -25°C
M (maternal) primer set
5 µM each primer (25X)
70 µL (red cap)
-15°C to -25°C
Normal control DNA
0.1 µg/µL
20 µL (green cap)
-15°C to -25°C
10X PCR buffer
175 µL (blue cap)
-15°C to -25°C
Materials Required But Not Supplied
Equipment and Supplies
a. Thermocycler
b. Gel electrophoresis apparatus (vertical or horizontal)
c. Power Supply
d. Screw-cap tubes for PCR amplification
e. Aerosol-resistant pipette tips
f. Microcentrifuge (to 12,000 X g)
g. 302 nm UV transilluminator, camera and film
Reagents
a 2.5 mM dNTP mix (2.5 mM of each nucleotide)
b. Taq polymerase
Note: For S7806 (CpG WIZTM Prader-Willi/Angelman Amplification Kit),
the use of a "hot start" enzyme is strongly recommended. See Sec. III.
Protocols.
c. "Hot start" PCR reagents for S7800, S7802, and S7804 (see Sec. III.
Protocols).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com