Electronic Components Datasheet Search
  English  ▼

X  

S7804 Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # S7804
Description  CpG WIZ Prader-Willi/Angelman Amplification Kit
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

S7804 Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button S7804 Datasheet HTML 8Page - List of Unclassifed Manufacturers S7804 Datasheet HTML 9Page - List of Unclassifed Manufacturers S7804 Datasheet HTML 10Page - List of Unclassifed Manufacturers S7804 Datasheet HTML 11Page - List of Unclassifed Manufacturers S7804 Datasheet HTML 12Page - List of Unclassifed Manufacturers S7804 Datasheet HTML 13Page - List of Unclassifed Manufacturers S7804 Datasheet HTML 14Page - List of Unclassifed Manufacturers S7804 Datasheet HTML 15Page - List of Unclassifed Manufacturers S7804 Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
8
“Hot Start” PCR
The three sets of primers used in the CpG WIZ™ Methylation Assay are derived
from sequences closely related to each other, which introduces the possibility of
mispriming. In order to avoid this and other PCR-related artifacts, "hot start"
PCR is recommended. "Hot start" PCR permits the Taq polymerase to begin the
reaction only after the template and primers are in single-stranded form.
There are several modifications of the standard PCR protocol which allow a "hot
start" to occur. In one scenario, the PCR reaction mixture excluding the
polymerase can be overlaid with mineral oil prior to heating to 95°C. At the end
of the incubation, the enzyme is pipetted directly into the mixture under the
mineral oil. A second method involves the physical separation of the polymerase
and the rest of the PCR mix with a wax bead. The enzyme combines with the
rest of the reaction mixture only after the wax melts. In another variation, an
anti-Taq antibody inhibits the polymerase during reaction setup by forming a
complex with the Taq enzyme. Taq polymerase becomes active when the
complex is abolished due to antibody denaturation during the 95°C incubation.
Alternatively, a "hot start" enzyme can be used. Refer to the manufacturer's
instructions for enzyme activation protocol.
Note: Do not use a polymerase with 3'-5' exonuclease activity (i.e.
proofreading).Do not use a wax bead that contains Mg2+. Any extra Mg2+ added
to the reaction mixture produces suboptimal results.
Genomic Control DNAs
The methylated (red cap) and unmethylated (white cap) control DNAs must
undergo bisulfite modification prior to PCR amplification using the
CpGenome™ DNA Modification Kit (S7820). When used with their respective
U and M primer sets, a single PCR product of an expected size is obtained in
each case.
W control genomic DNA is used in the PCR and is NOT to be used in the
chemical modification step. When used with the W primer set, it is a positive
control for PCR amplification. Failure to generate a PCR product indicates a
general failure in the PCR reaction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com