Electronic Components Datasheet Search
  English  ▼

X  

UM1872 Datasheet(PDF) 6 Page - STMicroelectronics

Part # UM1872
Description  Getting started with the Sub-1 GHz expansion board based on SPSGRF-868 and SPSGRF-915 modules for STM32 Nucleo
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1872 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button UM1872 Datasheet HTML 2Page - STMicroelectronics UM1872 Datasheet HTML 3Page - STMicroelectronics UM1872 Datasheet HTML 4Page - STMicroelectronics UM1872 Datasheet HTML 5Page - STMicroelectronics UM1872 Datasheet HTML 6Page - STMicroelectronics UM1872 Datasheet HTML 7Page - STMicroelectronics UM1872 Datasheet HTML 8Page - STMicroelectronics UM1872 Datasheet HTML 9Page - STMicroelectronics UM1872 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
Getting started
UM1872
6/21
DocID027622 Rev 2
2.2
System requirements
Using the Nucleo boards with the X-NUCLEO-IDS01Ax expansion board requires the
following software and hardware:
• Windows PC (XP, Vista, 7, 8) to install the firmware package
• USB type A to Mini-B USB cable to connect the Nucleo board to the PC
Installation of the board firmware package and the wM-Bus graphical user interface utility on
the user's PC requires the following:
• 128 MB of RAM
• Approximately 40 MB of hard disk space for the firmware
• Approximately 15 MB of hard disk space for the wM-Bus GUI
The use of the wM-Bus concentrator with the GUI requires additional boards to be
connected to the PC. The GUI can be used to check the wM-Bus communication example.
The Nucleo board acts as a meter and the STEVAL-IKR001Vx board connected to the PC
acts as a concentrator. Please note that the wM-Bus example is valid only for X-NUCLEO-
IDS01A4 (868 MHz version).
2.3
Setting up the board
Perform the following steps to set up the board:
1.
Check that the jumper on the J1 connector is connected. This jumper provides the
required voltage to the devices on the board
2.
Connect the X-NUCLEO-IDS01Ax to the Nucleo board from the top, as shown in
Figure 2.
3.
Power the Nucleo board using the Mini-B USB cable
4.
Program the firmware in the STM32 on the Nucleo board using the firmware example
provided
5.
Reset the MCU board using the reset button on the Nucleo board
6.
The evaluation kit is ready for use



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com