Electronic Components Datasheet Search
  English  ▼

X  

UM1872 Datasheet(PDF) 18 Page - STMicroelectronics

Part # UM1872
Description  Getting started with the Sub-1 GHz expansion board based on SPSGRF-868 and SPSGRF-915 modules for STM32 Nucleo
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1872 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button UM1872 Datasheet HTML 13Page - STMicroelectronics UM1872 Datasheet HTML 14Page - STMicroelectronics UM1872 Datasheet HTML 15Page - STMicroelectronics UM1872 Datasheet HTML 16Page - STMicroelectronics UM1872 Datasheet HTML 17Page - STMicroelectronics UM1872 Datasheet HTML 18Page - STMicroelectronics UM1872 Datasheet HTML 19Page - STMicroelectronics UM1872 Datasheet HTML 20Page - STMicroelectronics UM1872 Datasheet HTML 21Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
Bill of material
UM1872
18/21
DocID027622 Rev 2
8
Bill of material
Table 9. BOM list
Item
Qty
Ref.
Part / Value
Type / Add.
Notes
Toler.
Package
Manuf.
Part num./
Order code
Supplier
Suppl.
order
code
X-NUCLEO-IDS01A4 (SPSGRF-868 Nucleo expansion board specific components)
1
1
U1
SPSGRF-868
SMD 11 pins
ST
SPSGRF-868
ST
SUPPLY
SPSGR
F-868
2
1
R14
0
R15
NOT MOUNTED
SMD 0805
ANY
ANY
X-NUCLEO-IDS01A5 (SPSGRF-915 Nucleo expansion board specific components)
1
1
U1
SPSGRF-915
SMD 11 pins
ST
SPSGRF-868
ST
SUPPLY
SPSGR
F-868
2
1
R15
0
R14
NOT MOUNTED
SMD 0805
ANY
ANY
X-NUCLEO-IDS01A4, X-NUCLEO-IDS01A5: SPIRIT1 expansion board common components
3
1
U2
M95640-
RMC6TG
UFDFPN8
2X3 mm
(MLP8)
ST
M95640-
RMC6TG
ST
SUPPLY
M95640-
RMC6T
G
4
1
CN5
Arduino
Connector
CN5 10 pins
Pass-
Through: Male
on Bottom,
Female on
Top. 10x1
2.54mm pitch
SAMTE
C
SSQ-110-03-
F-S
Farnell
2283783
5
2
CN6,
CN9
Arduino
Connectors
CN6 and CN9
8 pins
Pass-
Through: Male
on Bottom,
Female on
Top. 8x1
2.54mm pitch
SAMTE
C
SSQ-108-03-
F-S
Farnell
2283782
6
2
CN7,
CN10
MORPHO
Connectors
CN7 and
CN10 38 pins
NOT MOUNTED
Pass-
Through:
Female on
Bottom, Male
on Top. 19x2
2.54mm pitch
7
1
CN8
Arduino
Connector
CN8 6 pins
Pass-
Through: Male
on Bottom,
Female on
Top. 6x1
2.54mm pitch
SAMTE
C
SSQ-106-03-
G-S
Farnell
2283759
8
1
C1
100nF
Ceramic X7R
±10%
SMD 0402
Murata
GRM155R71
C104KA88



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com