Electronic Components Datasheet Search
  English  ▼

X  

UM1872 Datasheet(PDF) 3 Page - STMicroelectronics

Part # UM1872
Description  Getting started with the Sub-1 GHz expansion board based on SPSGRF-868 and SPSGRF-915 modules for STM32 Nucleo
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1872 Datasheet(HTML) 3 Page - STMicroelectronics

  UM1872 Datasheet HTML 1Page - STMicroelectronics UM1872 Datasheet HTML 2Page - STMicroelectronics UM1872 Datasheet HTML 3Page - STMicroelectronics UM1872 Datasheet HTML 4Page - STMicroelectronics UM1872 Datasheet HTML 5Page - STMicroelectronics UM1872 Datasheet HTML 6Page - STMicroelectronics UM1872 Datasheet HTML 7Page - STMicroelectronics UM1872 Datasheet HTML 8Page - STMicroelectronics UM1872 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
DocID027622 Rev 2
3/21
UM1872
Description
21
1
Description
The X-NUCLEO-IDS01A4 and X-NUCLEO-IDS01A5 boards contain the module SPSGRF-
868 or SPSGRF-915 based on SPIRIT1 low data rate, low power sub-1 GHz transceiver.
The PCB layout is the same for both boards, with the only difference being the module used
with it.
Identification of the RF communication frequency can be easily performed using the
identification resistors (R14 or R15) mounted on the PCBs. Only 1 of the two resistors is
mounted on the board to ensure quick identification. This information is also available in the
PCB silk screen.
Note that R14 and R15 are for identification purposes only, and changing these resistors
does not change the RF frequency of the SPIRIT1 device.
For information common to both boards, the nomenclature “X-NUCLEO-IDS01Ax” is used
hereafter in this document.
1.1
Typical applications
The evaluation boards can be used for evaluation of the SPIRIT1 device in multiple
applications.
The following demo examples are available for testing with the evaluation boards
• wM-Bus: Wireless Metering Bus demo
• Point-to-point communication protocol demo
Please refer to the data brief for the firmware, available on www.st.com.
Users can develop other applications for evaluating the devices. Some of these applications
are:
• Automatic meter reading
• Home and building automation
• WSN (wireless sensor network)
Table 1. Expansion board details
Evaluation board
RF
communication
frequency
Identification
resistors
Module used
Description
X-NUCLEO-IDS01A4 868 MHz
R14 mounted
SPSGRF-868
868 MHz RF expansion
board based on ETSI
certified module
SPSGRF-868 for
STM32 Nucleo
X-NUCLEO-IDS01A5 915 MHz
R15 mounted
SPSGRF-915
915 MHz RF expansion
board based on FCC
and IC certified module
SPSGRF-915 for
STM32 Nucleo



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com