Electronic Components Datasheet Search
  English  ▼

X  

UM1872 Datasheet(PDF) 19 Page - STMicroelectronics

Part # UM1872
Description  Getting started with the Sub-1 GHz expansion board based on SPSGRF-868 and SPSGRF-915 modules for STM32 Nucleo
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1872 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button UM1872 Datasheet HTML 13Page - STMicroelectronics UM1872 Datasheet HTML 14Page - STMicroelectronics UM1872 Datasheet HTML 15Page - STMicroelectronics UM1872 Datasheet HTML 16Page - STMicroelectronics UM1872 Datasheet HTML 17Page - STMicroelectronics UM1872 Datasheet HTML 18Page - STMicroelectronics UM1872 Datasheet HTML 19Page - STMicroelectronics UM1872 Datasheet HTML 20Page - STMicroelectronics UM1872 Datasheet HTML 21Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
DocID027622 Rev 2
19/21
UM1872
Bill of material
21
9
1
J1
Jumper
Through hole
2 x1 2.54 mm
pitch
ANY
ANY
10
12
R1,
R2,
R3,
R4,
R5,
R6,
R7,
R8,
R9,
R10,
R14,
R15
0
R3, R5, R6, R7,
R8, R9, R10,R15
NOT MOUNTED
±1%
SMD 0805
ANY
ANY
11
1
R12
100 k
±1%
SMD 0805
ANY
ANY
12
1
R13
680
±1%
SMD 0805
ANY
ANY
13
1
D1
RED LED
SMD 0603
Vishay
TLMS1100-
GS08
Digikey
751-
1182-1-
ND
Table 9. BOM list (continued)
Item
Qty
Ref.
Part / Value
Type / Add.
Notes
Toler.
Package
Manuf.
Part num./
Order code
Supplier
Suppl.
order
code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com