Electronic Components Datasheet Search
  English  ▼

X  

UM1872 Datasheet(PDF) 14 Page - STMicroelectronics

Part # UM1872
Description  Getting started with the Sub-1 GHz expansion board based on SPSGRF-868 and SPSGRF-915 modules for STM32 Nucleo
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1872 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button UM1872 Datasheet HTML 10Page - STMicroelectronics UM1872 Datasheet HTML 11Page - STMicroelectronics UM1872 Datasheet HTML 12Page - STMicroelectronics UM1872 Datasheet HTML 13Page - STMicroelectronics UM1872 Datasheet HTML 14Page - STMicroelectronics UM1872 Datasheet HTML 15Page - STMicroelectronics UM1872 Datasheet HTML 16Page - STMicroelectronics UM1872 Datasheet HTML 17Page - STMicroelectronics UM1872 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
Hardware schematic diagrams
UM1872
14/21
DocID027622 Rev 2
7
Hardware schematic diagrams
Figure 4. Nucleo connectors
Arduino UNO R3SX Connector
Arduino UNO R3 DX Connector
MORPHO SX Connector
MORPHO DX Connector
Pass-Through: Female on
Bottom and Male on Top
Pass-Through: Female on
Bottom and Male on Top
Pass-Through:
Male on Bottom
and Female on
Top
Pass-Through:
Male on Bottom
and Female on
Top
Pass-Through:
Male on Bottom
and Female on
Top
Pass-Through:
Male on Bottom
and Female on
Top
PC10
PC12
VDD
BOO T0
NC /PF6
NC /PF7
PA13
PA14
PA15
GN D
PB7
PC13
PC14
PC15
PH0/PF0/PD0
PH1/PF1/PD1
VL CD /VBAT
PC2
PC3
PC11
PD2
E5 V
GN D
NC /
IOR EF
RESE T
+3V 3
+5V
GN D
GN D
VIN
NC /
PA 0
PA 1
PA 4
PB 0
PC1
PC0
PC9
PB 8
PB 9
AV DD
GN D
PA 5
PA 6
PA 7
PB 6
PC7
PA 9
PA 8
PB1 0
PB 4
PB 5
PB 3
PA1 0
PA 2
PA 3
PC8
PC6
PC5
U5 V
PD8
PA1 2
PA1 1
PB1 2
PB11 /NC
GN D
PB 2
PB 1
PB1 5
PB1 4
PB1 3
AGN D
PC4
NC /PF 5
NC /PF 4
NC /
IOR EF
RESET
+3V 3
+5V
GN D
GN D
VIN
PA 0
PA 1
PA 4
PB 0
PC1
PC0
PB 8
PB 9
AV DD
GN D
PA 5
PA 6
PA 7
PB 6
PC7
PA 9
PA 8
PB1 0
PB 4
PB 5
PB 3
PA1 0
PA 2
PA 3
CN9
HE ADER 8
1
2
3
4
5
6
7
8
CN 10
HE ADER 1 9x2
1
3
5
7
9
11
13
15
17
19
21
23
25
27
29
31
33
35
37
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
32
34
36
38
CN5
HE ADER 10
1
2
3
4
5
6
7
8
9
10
CN6
HE ADER 8
1
2
3
4
5
6
7
8
CN7
HE ADER 19 x2
1
3
5
7
9
11
13
15
17
19
21
23
25
27
29
31
33
35
37
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
32
34
36
38
CN8
HE ADER 6
1
2
3
4
5
6
GSPG11032015DI0950



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com