Electronic Components Datasheet Search
  English  ▼

X  

LP5912 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # LP5912
Description  Automotive 500-mA Low-Noise, Low-IQ LDO
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5912 Datasheet(HTML) 21 Page - Texas Instruments

Back Button LP5912 Datasheet HTML 17Page - Texas Instruments LP5912 Datasheet HTML 18Page - Texas Instruments LP5912 Datasheet HTML 19Page - Texas Instruments LP5912 Datasheet HTML 20Page - Texas Instruments LP5912 Datasheet HTML 21Page - Texas Instruments LP5912 Datasheet HTML 22Page - Texas Instruments LP5912 Datasheet HTML 23Page - Texas Instruments LP5912 Datasheet HTML 24Page - Texas Instruments LP5912 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
21
LP5912-Q1
www.ti.com
SNVSAA8C – DECEMBER 2015 – REVISED SEPTEMBER 2016
Product Folder Links: LP5912-Q1
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
9.2.2 Detailed Design Procedure
9.2.2.1 External Capacitors
Like most low-dropout regulators, the LP5912-Q1 requires external capacitors for regulator stability. The device
is specifically designed for portable applications requiring minimum board space and smallest components.
These capacitors must be correctly selected for good performance.
9.2.2.2 Input Capacitor
An input capacitor is required for stability. The input capacitor must be at least equal to, or greater than, the
output capacitor for good load-transient performance. A capacitor of at least 1 µF must be connected between
the LP5912-Q1 IN pin and ground for stable operation over full load-current range. It is acceptable to have more
output capacitance than input, as long as the input is at least 1 µF.
The input capacitor must be located a distance of not more than 1 cm from the input pin and returned to a clean
analog ground. Any good-quality ceramic, tantalum, or film capacitor may be used at the input.
NOTE
To ensure stable operation it is essential that good PCB practices are employed to
minimize ground impedance and keep input inductance low. If these conditions cannot be
met, or if long leads are to be used to connect the battery or other power source to the
LP5912-Q1, increasing the value of the input capacitor to at least 10 µF is recommended.
Also, tantalum capacitors can suffer catastrophic failures due to surge current when
connected to a low-impedance source of power (such as a battery or a very large
capacitor). If a tantalum capacitor is used at the input, it must be verified by the
manufacturer to have a surge current rating sufficient for the application. There are no
requirements for the equivalent series resistance (ESR) on the input capacitor, but
tolerance and temperature coefficient must be considered when selecting the capacitor to
ensure the capacitance remains 1 μF ±30% over the entire operating temperature range.
9.2.2.3 Output Capacitor
The LP5912-Q1 is designed specifically to work with a very small ceramic output capacitor, typically 1 µF. A
ceramic capacitor (dielectric types X5R or X7R) in the 1-µF to 10-µF range, and with an ESR from 5 mΩ to 500
mΩ, is suitable in the LP5912-Q1 application circuit. For this device the output capacitor must be connected
between the OUT pin with a good connection back to the GND pin.
Tantalum or film capacitors may also be used at the device output, VOUT, but these are not as attractive for
reasons of size and cost (see Capacitor Characteristics).
The output capacitor must meet the requirement for the minimum value of capacitance and have an ESR value
that is within the range 5 mΩ to 500 mΩ for stability.
9.2.2.4 Capacitor Characteristics
The LP5912-Q1 is designed to work with ceramic capacitors on the input and output to take advantage of the
benefits they offer. For capacitance values in the range of 1 µF to 10 µF, ceramic capacitors are the smallest,
least expensive, and have the lowest ESR values, thus making them best for eliminating high frequency noise.
The ESR of a typical 1-µF ceramic capacitor is in the range of 20 mΩ to 40 mΩ, which easily meets the ESR
requirement for stability for the LP5912-Q1.
The preferred choice for temperature coefficient in a ceramic capacitor is X7R. This type of capacitor is the most
stable and holds the capacitance within ±15% over the temperature range. Tantalum capacitors are less
desirable than ceramic for use as output capacitors because they are more expensive when comparing
equivalent capacitance and voltage ratings in the 1-µF to 10-µF range.
Another important consideration is that tantalum capacitors have higher ESR values than equivalent size
ceramics. While it may be possible to find a tantalum capacitor with an ESR value within the stable range, it
would have to be larger in capacitance (which means bigger and more costly) than a ceramic capacitor with the
same ESR value. Also, the ESR of a typical tantalum increases about 2:1 as the temperature goes from 25°C
down to –40°C, so some guard band must be allowed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com