Electronic Components Datasheet Search
  English  ▼

X  

LP5912 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LP5912
Description  Automotive 500-mA Low-Noise, Low-IQ LDO
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5912 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LP5912 Datasheet HTML 3Page - Texas Instruments LP5912 Datasheet HTML 4Page - Texas Instruments LP5912 Datasheet HTML 5Page - Texas Instruments LP5912 Datasheet HTML 6Page - Texas Instruments LP5912 Datasheet HTML 7Page - Texas Instruments LP5912 Datasheet HTML 8Page - Texas Instruments LP5912 Datasheet HTML 9Page - Texas Instruments LP5912 Datasheet HTML 10Page - Texas Instruments LP5912 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
7
LP5912-Q1
www.ti.com
SNVSAA8C – DECEMBER 2015 – REVISED SEPTEMBER 2016
Product Folder Links: LP5912-Q1
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
VIN = VOUT(NOM) + 0.5 V or 1.6 V, whichever is greater; VEN = 1.3 V, CIN = 1 µF, COUT = 1 µF, IOUT = 1 mA (unless otherwise
stated).
(1)(2)(3)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TRANSITION CHARACTERISTICS
ΔVOUT
Line transients(9)
For VIN ↑ and VOUT(NOM) ≥ 1.1 V:
VIN = (VOUT(NOM) + 0.5 V) to (VOUT(NOM) + 1.1 V),
VIN trise = 30 µs
1
mV
For VIN ↑ and VOUT(NOM) < 1.1 V:
VIN = 1.6 V to 2.2 V,
VIN trise = 30 µs
For VIN ↓ and VOUT(NOM) ≥ 1.1 V:
VIN = (VOUT(NOM) + 1.1 V) to (VOUT(NOM) + 0.5 V)
VIN tfall = 30 µs
–1
For VIN ↓ and VOUT(NOM) < 1.1 V:
VIN = 2.2 V to 1.6 V
VIN tfall = 30 µs
Load transients(9)
IOUT = 5 mA to 500 mA
IOUT trise = 10 µs
–45
mV
IOUT = 500 mA to 5 mA
IOUT tfall = 10 µs
45
Overshoot on start-up(9)
Stated as a percentage of VOUT(NOM)
5%
tON
Turnon time
From VEN > VEN(ON) to VOUT = 95% of VOUT(NOM)
200
µs
OUTPUT AUTO DISCHARGE RATE
RAD
Output discharge pulldown
resistance
VEN = 0 V, VIN = 3.6 V
100
Ω
(1)
The minimum capacitance must be greater than 0.5 μF over full range of operating conditions. The capacitor tolerance must be 30% or
better over the full temperature range. The full range of operating conditions for the capacitor in the application must be considered
during device selection to ensure this minimum capacitance specification is met. X7R capacitors are recommended however capacitor
types X5R, Y5V, and Z5U may be used with consideration of the application conditions.
(2)
This specification is verified by design.
7.6 Output and Input Capacitors
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN(1)
TYP
MAX
UNIT
CIN
Input capacitance(2)
Capacitance for stability
0.7
1
µF
COUT
Output capacitance(2)
0.7
1
10
µF
ESR
Output voltage(2)
5
500
mΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com