Electronic Components Datasheet Search
  English  ▼

X  

LP5912 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # LP5912
Description  Automotive 500-mA Low-Noise, Low-IQ LDO
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5912 Datasheet(HTML) 14 Page - Texas Instruments

Back Button LP5912 Datasheet HTML 10Page - Texas Instruments LP5912 Datasheet HTML 11Page - Texas Instruments LP5912 Datasheet HTML 12Page - Texas Instruments LP5912 Datasheet HTML 13Page - Texas Instruments LP5912 Datasheet HTML 14Page - Texas Instruments LP5912 Datasheet HTML 15Page - Texas Instruments LP5912 Datasheet HTML 16Page - Texas Instruments LP5912 Datasheet HTML 17Page - Texas Instruments LP5912 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 33 page
background image
Time (µs)
0
50
100
150
200
250
300
350
400
450
500
0
0.5
1
1.5
2
2.5
D034
VEN (V)
VOUT (V)
VPG (V)
Time (µs)
0
50
100
150
200
250
300
350
400
450
500
0
0.5
1
1.5
2
2.5
3
D035
VEN (V)
VOUT (V)
VPG (V)
Time (µs)
0
50
100
150
200
250
300
350
400
450
500
0
0.5
1
1.5
2
2.5
D032
VEN (V)
VOUT (V)
VPG (V)
Time (µs)
0
50
100
150
200
250
300
350
400
450
500
0
0.5
1
1.5
2
2.5
3
D033
VEN (V)
VOUT (V)
VPG (V)
Time (µs)
0
20
40
60
80
100
120
140
160
180
200
-60
0
-40
100
-20
200
0
300
20
400
40
500
60
600
D028
' VOUT (mV)
IOUT (mA)
Time (µs)
0
50
100
150
200
250
300
350
400
450
500
0
0.5
1
1.5
2
2.5
3
D031
VEN (V)
VOUT (V)
VPG (V)
14
LP5912-Q1
SNVSAA8C – DECEMBER 2015 – REVISED SEPTEMBER 2016
www.ti.com
Product Folder Links: LP5912-Q1
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
Typical Characteristics (continued)
Unless otherwise stated: VIN = VOUT + 0.5 V, VEN = VIN, IOUT = 1 mA, CIN = 1 µF, COUT = 1 µF, TJ = 25°C, unless otherwise
stated.
IOUT = 500 mA to 5 mA
tfall = 10 µs
Figure 37. LP5912-3.3 Load Transient Response
IOUT = 0 mA
COUT = 1 µF
Figure 38. LP5912-1.8 VOUT vs VEN(ON)
IOUT = 0 mA
COUT = 1 µF
Figure 39. LP5912-1.8 VOUT vs VEN(OFF)
IOUT = 1 mA
COUT = 1 µF
Figure 40. LP5912-1.8 VOUT vs VEN(ON)
IOUT = 1 mA
COUT = 1 µF
Figure 41. LP5912-1.8 VOUT vs VEN(OFF)
IOUT = 500 mA
COUT = 1 µF
Figure 42. LP5912-1.8 VOUT vs VEN(ON)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com