Electronic Components Datasheet Search
  English  ▼

X  

LP5912 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LP5912
Description  Automotive 500-mA Low-Noise, Low-IQ LDO
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5912 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LP5912 Datasheet HTML 2Page - Texas Instruments LP5912 Datasheet HTML 3Page - Texas Instruments LP5912 Datasheet HTML 4Page - Texas Instruments LP5912 Datasheet HTML 5Page - Texas Instruments LP5912 Datasheet HTML 6Page - Texas Instruments LP5912 Datasheet HTML 7Page - Texas Instruments LP5912 Datasheet HTML 8Page - Texas Instruments LP5912 Datasheet HTML 9Page - Texas Instruments LP5912 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
6
LP5912-Q1
SNVSAA8C – DECEMBER 2015 – REVISED SEPTEMBER 2016
www.ti.com
Product Folder Links: LP5912-Q1
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
VIN = VOUT(NOM) + 0.5 V or 1.6 V, whichever is greater; VEN = 1.3 V, CIN = 1 µF, COUT = 1 µF, IOUT = 1 mA (unless otherwise
stated).
(1)(2)(3)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
(9)
This specification is ensured by design.
(10) There is a 3-MΩ pulldown resistor between the EN pin and GND pin on the device.
VIN to VOUT RIPPLE REJECTION
PSRR
Power Supply Rejection
Ratio(9)
ƒ = 100 Hz, VOUT ≥ 1.1 V, IOUT = 20 mA
80
dB
ƒ = 1 kHz, VOUT ≥ 1.1 V, IOUT = 20 mA
75
ƒ = 10 kHz, VOUT ≥ 1.1 V, IOUT = 20 mA
65
ƒ = 100 kHz, VOUT ≥ 1.1 V, IOUT = 20 mA
40
ƒ = 100 Hz, 0.8 V < VOUT < 1.1 V, IOUT = 20 mA
65
ƒ = 1 kHz, 0.8 V < VOUT < 1.1 V, IOUT = 20 mA
65
ƒ = 10 kHz, 0.8 V < VOUT < 1.1 V, IOUT = 20 mA
65
ƒ = 100 kHz, 0.8 V < VOUT < 1.1 V, IOUT = 20 mA
40
OUTPUT NOISE VOLTAGE
eN
Noise voltage
IOUT = 1 mA, BW = 10 Hz to 100 kHz
12
µVRMS
IOUT = 500 mA, BW = 10 Hz to 100 kHz
12
THERMAL SHUTDOWN
TSD
Thermal shutdown
temperature
160
°C
THYS
Thermal shutdown
hysteresis
15
°C
LOGIC INPUT THRESHOLDS
VEN(OFF)
OFF threshold
VIN = 1.6 V to 6.5 V
VEN falling until device is disabled
0.3
V
VEN(ON)
ON threshold
1.6 V
≤ VIN ≤ 6.5 V
VEN rising until device is enabled
1.3
IEN
Input current at EN pin(10)
VEN = 6.5 V, VIN = 6.5 V
2.5
µA
VEN = 0 V, VIN = 3.3 V
0.001
PGHTH
PG high threshold (% of
nominal VOUT)
94%
PGLTH
PG low threshold (% of
nominal VOUT)
90%
VOL(PG)
PG pin low-level output
voltage
VOUT < PGLTH, sink current = 1 mA
100
mV
IlKG(PG)
PG pin leakage current
VOUT < PGHTH, VPG = 6.5 V
1
µA
tPGD
PG delay time
Time from VOUT > PG threshold to PG toggling
140
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com