Electronic Components Datasheet Search
  English  ▼

X  

LP5912 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LP5912
Description  Automotive 500-mA Low-Noise, Low-IQ LDO
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5912 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LP5912 Datasheet HTML 9Page - Texas Instruments LP5912 Datasheet HTML 10Page - Texas Instruments LP5912 Datasheet HTML 11Page - Texas Instruments LP5912 Datasheet HTML 12Page - Texas Instruments LP5912 Datasheet HTML 13Page - Texas Instruments LP5912 Datasheet HTML 14Page - Texas Instruments LP5912 Datasheet HTML 15Page - Texas Instruments LP5912 Datasheet HTML 16Page - Texas Instruments LP5912 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
Time (µs)
0
20
40
60
80
100
120
140
160
180
200
-60
0
-40
100
-20
200
0
300
20
400
40
500
60
600
D026
' VOUT (mV)
IOUT (mA)
Time (µs)
0
20
40
60
80
100
120
140
160
180
200
-60
0
-40
100
-20
200
0
300
20
400
40
500
60
600
D027
' VOUT (mV)
IOUT (mA)
Time (µs)
0
20
40
60
80
100
120
140
160
180
200
-60
0
-40
100
-20
200
0
300
20
400
40
500
60
600
D024
' VOUT (mV)
IOUT (mA)
Time (µs)
0
20
40
60
80
100
120
140
160
180
200
-60
0
-40
100
-20
200
0
300
20
400
40
500
60
600
D025
' VOUT (mV)
IOUT (mA)
Time (µs)
0
50
100
150
200
250
300
350
400
450
500
-1
3.6
-0.8
3.7
-0.6
3.8
-0.4
3.9
-0.2
4
0
4.1
0.2
4.2
0.4
4.3
0.6
4.4
0.8
4.5
1
4.6
D022
' VOUT (mV)
VIN (V)
Time (µs)
0
20
40
60
80
100
120
140
160
180
200
-60
0
-40
100
-20
200
0
300
20
400
40
500
60
600
D023
' VOUT (mV)
IOUT (mA)
13
LP5912-Q1
www.ti.com
SNVSAA8C – DECEMBER 2015 – REVISED SEPTEMBER 2016
Product Folder Links: LP5912-Q1
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
Typical Characteristics (continued)
Unless otherwise stated: VIN = VOUT + 0.5 V, VEN = VIN, IOUT = 1 mA, CIN = 1 µF, COUT = 1 µF, TJ = 25°C, unless otherwise
stated.
VIN = 4.4 V to 3.8 V
tfall = 30 µs
Figure 31. LP5912-3.3 Line Transient
VIN = 1.6 V
IOUT = 5 mA to 500 mA
trise = 10 µs
Figure 32. LP5912-0.9 Load Transient Response
VIN = 1.6 V
IOUT = 500 mA to 5 mA
tfall = 10 µs
Figure 33. LP5912-0.9 Load Transient Response
IOUT = 5 mA to 500 mA
trise = 10 µs
Figure 34. LP5912-1.8 Load Transient Response
IOUT = 500 mA to 5 mA
tfall = 10 µs
Figure 35. LP5912-1.8 Load Transient Response
IOUT = 5 mA to 500 mA
trise = 10 µs
Figure 36. LP5912-3.3 Load Transient Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com