Electronic Components Datasheet Search
  English  ▼

X  

LP5912 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LP5912
Description  Automotive 500-mA Low-Noise, Low-IQ LDO
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5912 Datasheet(HTML) 4 Page - Texas Instruments

  LP5912 Datasheet HTML 1Page - Texas Instruments LP5912 Datasheet HTML 2Page - Texas Instruments LP5912 Datasheet HTML 3Page - Texas Instruments LP5912 Datasheet HTML 4Page - Texas Instruments LP5912 Datasheet HTML 5Page - Texas Instruments LP5912 Datasheet HTML 6Page - Texas Instruments LP5912 Datasheet HTML 7Page - Texas Instruments LP5912 Datasheet HTML 8Page - Texas Instruments LP5912 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
4
LP5912-Q1
SNVSAA8C – DECEMBER 2015 – REVISED SEPTEMBER 2016
www.ti.com
Product Folder Links: LP5912-Q1
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltages are with respect to the GND pin.
(3)
Internal thermal shutdown circuitry protects the device from permanent damage.
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1) (2)
MIN
MAX
UNIT
VIN
Input voltage
–0.3
7
V
VOUT
Output voltage
–0.3
7
V
VEN
Enable input voltage
–0.3
7
V
VPG
Power Good (PG) pin OFF voltage
–0.3
7
V
TJ
Junction temperature
150
°C
PD
Continuous power dissipation(3)
Internally Limited
W
Tstg
Storage temperature
–65
150
°C
(1)
AEC Q100-002 indicates that HBM stressing shall be in accordance with the ANSI/ESDA/JEDEC JS-001 specification.
7.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per AEC Q100-002(1)
±2000
V
Charged-device model (CDM), per AEC Q100-011
±1000
(1)
All voltages are with respect to the GND pin.
(2)
TJ-MAX-OP = (TA(MAX) + (PD(MAX) × RθJA )).
7.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
VIN
Input supply voltage
1.6
6.5
V
VOUT
Output voltage
0.8
5.5
V
VEN
Enable input voltage
0
VIN
V
VPG
PG pin OFF voltage
0
6.5
V
IOUT
Output current
0
500
mA
TJ-MAX-OP
Operating junction temperature(2)
–40
125
°C
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
(2)
Thermal resistance value RθJA is based on the EIA/JEDEC High-K printed circuit board defined by: JESD51-7 - High Effective Thermal
Conductivity Test Board for Leaded Surface Mount Packages.
(3)
The PCB for the WSON (DRV) package RθJA includes two (2) thermal vias under the exposed thermal pad per EIA/JEDEC JESD51-5.
7.4 Thermal Information
THERMAL METRIC(1)
LP5912-Q1
UNIT
DRV (WSON)
6 PINS
RθJA
Junction-to-ambient thermal resistance, High-K(2)
71.2(3)
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
93.7
°C/W
RθJB
Junction-to-board thermal resistance
40.7
°C/W
ψJT
Junction-to-top characterization parameter
2.5
°C/W
ψJB
Junction-to-board characterization parameter
41.1
°C/W
ψJC(bot)
Junction-to-case (bottom) thermal resistance
11.2
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com