Electronic Components Datasheet Search
  English  ▼

X  

HCPL788J Datasheet(PDF) 6 Page - Agilent(Hewlett-Packard)

Part # HCPL788J
Description  Isolation Amplifier with Short Circuit and Overload Detection
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL788J Datasheet(HTML) 6 Page - Agilent(Hewlett-Packard)

Back Button HCPL788J Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL788J Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL788J Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL788J Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL788J Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL788J Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL788J Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL788J Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL788J Datasheet HTML 10Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6
DC Electrical Specifications
Unless otherwise noted, all typicals and figures are at the nominal operating conditions of VIN+ = 0, VIN- = 0 V,
VREF = 4.0 V, VDD1 = VDD2 = 5 V and TA = 25°C; all Minimum/Maximum specifications are within the Recommended
Operating Conditions.
Test
Parameter
Symbol
Min.
Typ.
Max.
Units
Conditions
Fig. Note
Input Offset
VOS
-3
0
3
mV
VIN+ = 0 V
3, 4,
6
Voltage
5
Magnitude of Input |
∆V
OS/∆TA|1
10
µV/°C7
Offset Change vs.
Temperature
VOUT Gain
G
VREF/504 mV - 5% VREF/504 mV VREF/504 mV + 5% V/V |VIN+|<200 mV 6,7,
Magnitude of VOUT
|
∆G/∆T
A|
50
300
ppm/
8,9
8
Gain Change vs.
°C
Temperature
VOUT 200 mV
NL200
0.06
0.4
%
Nonlinearity
Maximum Input
|VIN+|MAX
256
mV
Voltage Before
VOUT Clipping
FAULT Detection
|VTHF|
230
256
280
10
9
Threshold
FAULT Low
VOLF
350
800
IOL = 4 mA
Output Voltage
FAULT High
IOHF
0.2
15
µAV
FAULT = VDD2
Output Current
ABSVAL Output
ε
ABS
0.6
2
% of
11
10
Error
full
scale
output
Input Supply
IDD1
10.7
20
mA
Current
Output Supply
IDD2
10.4
20
Current
Reference voltage
IVREF
0.26
1
Input Current
Input Current
IIN+
-350
nA
VIN+ = 0 V
Input Resistance
RIN
800
k
Ω
VOUT Output
ROUT
0.2
Ω
Resistance
ABSVAL Output
RABS
0.3
Resistance
Input DC Common-
CMRRIN
85
dB
11
Mode Rejection
Ratio



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com