Electronic Components Datasheet Search
  English  ▼

X  

HCPL788J Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

Part # HCPL788J
Description  Isolation Amplifier with Short Circuit and Overload Detection
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL788J Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

  HCPL788J Datasheet HTML 1Page - Agilent(Hewlett-Packard) HCPL788J Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL788J Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL788J Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL788J Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL788J Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL788J Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL788J Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL788J Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Isolation Amplifier with Short
Circuit and Overload Detection
Technical Data
HCPL-788J
Features
• Output Voltage Directly
Compatible with A/D
Converters (0 V to VREF)
• Fast (3
µs) Short Circuit
Detection with Transient
Fault Rejection
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
FAULT
ABSVAL
VOUT
VREF
VIN+
VIN-
RSENSE1
SHORT CIRCUIT FAULT
ISOLATION BOUNDARY
A/D
CONVERTER
MICRO
CONTROLLER
HCPL-788J
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
FAULT
ABSVAL
VOUT
VREF
VIN+
VIN-
RSENSE2
ISOLATION BOUNDARY
HCPL-788J
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
FAULT
ABSVAL
VOUT
VREF
VIN+
VIN-
RSENSE3
ISOLATION BOUNDARY
HCPL-788J
M
+5 V
OVERLOAD
FAULT
+
–
+
–
3 PHASE ABSOLUTE
VALUE OUTPUT
VREF
VTH
3 PHASE
MOTOR
Low Cost Three Phase Current Sensing with Short Circuit and Overload Detection
Hewlett-Packard’s Isolation Amplifier with Short Circuit and Overload Detection makes motor phase
current sensing compact, affordable and easy-to-implement while satisfying worldwide safety and
regulatory requirements.
CAUTION: It is advised that normal static precautions be taken in handling and assembly of this component to prevent damage and/
or degradation which may be induced by ESD.
• Absolute Value Signal Out-
put for Overload Detection
• 1
µV/°C Offset Change vs.
Temperature
• SO-16 Package
• -40
°C to +85°C Operating
Temperature Range
• 25 kV/
µs Isolation Transient
Immunity
• Regulatory Approvals
(Pending): UL, CSA, VDE
0884 (891 Vpeak Working
Voltage)


Similar Part No. - HCPL788J

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL7800 HP-HCPL7800 Datasheet
375Kb / 17P
High CMR Isolation Amplifiers
HCPL7820 HP-HCPL7820 Datasheet
228Kb / 15P
High CMR Analog Isolation Amplifiers
HCPL7840 HP-HCPL7840 Datasheet
217Kb / 12P
Analog Isolation Amplifier
More results

Similar Description - HCPL788J

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-788J AVAGO-HCPL-788J Datasheet
231Kb / 20P
Isolation Amplifier with Short Circuit and Overload Detection SO-16 Package
logo
Laird Tech Smart Techno...
POE-XXS-AFI LSTD-POE-XXS-AFI Datasheet
313Kb / 2P
Overload and short circuit protection
POE-55IG-ATI LSTD-POE-55IG-ATI Datasheet
443Kb / 2P
Overload and short-circuit protection
POE-XXI LSTD-POE-XXI Datasheet
738Kb / 2P
Overload and short circuit protection
POE-55I4SG-AFI LSTD-POE-55I4SG-AFI Datasheet
789Kb / 2P
Overload and short circuit protection
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-788J-000E AVAGO-HCPL-788J-000E Datasheet
552Kb / 20P
Isolation Amplifier with Short Circuit and Overload Detection
HCPL-788J-500E AVAGO-HCPL-788J-500E Datasheet
552Kb / 20P
Isolation Amplifier with Short Circuit and Overload Detection
ACPL-785J AVAGO-ACPL-785J Datasheet
609Kb / 20P
Isolation Amplifier with Short Circuit and Overload Detection
logo
Artesyn Technologies
DCH5 ARTESYN-DCH5 Datasheet
1Mb / 4P
Overload and short circuit protection
logo
PHOENIX CONTACT
2980539 PHOENIX-2980539 Datasheet
98Kb / 7P
Short-circuit, surge, and overload-proof output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com