Electronic Components Datasheet Search
  English  ▼

X  

HCPL788J Datasheet(PDF) 19 Page - Agilent(Hewlett-Packard)

Part # HCPL788J
Description  Isolation Amplifier with Short Circuit and Overload Detection
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL788J Datasheet(HTML) 19 Page - Agilent(Hewlett-Packard)

Back Button HCPL788J Datasheet HTML 12Page - Agilent(Hewlett-Packard) HCPL788J Datasheet HTML 13Page - Agilent(Hewlett-Packard) HCPL788J Datasheet HTML 14Page - Agilent(Hewlett-Packard) HCPL788J Datasheet HTML 15Page - Agilent(Hewlett-Packard) HCPL788J Datasheet HTML 16Page - Agilent(Hewlett-Packard) HCPL788J Datasheet HTML 17Page - Agilent(Hewlett-Packard) HCPL788J Datasheet HTML 18Page - Agilent(Hewlett-Packard) HCPL788J Datasheet HTML 19Page - Agilent(Hewlett-Packard) HCPL788J Datasheet HTML 20Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
19
Yes. Some noise energy exists beyond the 30 kHz
bandwidth of the HCPL-788J. An external RC low
pass filter can be used to improve the signal to noise
ratio. For example, a 680
Ω, 4700 pF RC filter will
cut the rms output noise roughly by a factor of 2.
This filter reduces the -3dB signal bandwidth only
by about 10%. In applications needing only a few
kHz bandwidth even better noise performance can
be obtained. The noise spectral density is roughly
400 nV/
√ Hz below 15 kHz (input referred). As
an example, a 2
κHz (680 Ω, 0.1 µF) RC low pass
filter reduces output noise to a typical value of
0.08 mVrms.
At present HP does not have a standard product
with tighter gain tolerance. A 100
Ω variable
resistor divider can be used to adjust the input
voltage at pin 1, if needed.
Op-amps are used to drive VOUT (pin 12) and ABSVAL
(pin 13). These op-amps can swing nearly from rail
to rail when there is no load current. The internal
VDD2 is about 100 mV below the external VDD2. In
addition, the pullup and pulldown output transistors
are not identical in capability. The net result is that
the output can typically swing to within 20 mV of
GND2 and to within 150 mV of VDD2. When VREF is
tied to VDD2, the output can not reach VREF exactly.
This limitation has no effect on gain — only on
maximum output voltage. The output remains linear
and accurate for all inputs between -200 mV and
+200 mV. For the maximum possible swing range,
separate VREF and VDD2 voltages can be used. Since
5.0 V is normally recommended for VDD2, use of
4.5 V or 4.096 V references for VREF allow the out-
puts to swing all the way up to VREF (and down to
typically 20 mV).
No. The LED is used only to transmit a digital
pattern. Gain is determined by a bandgap voltage
reference and the user-provided VREF. HP has
accounted for LED degradation in the design of the
product to ensure long life.
Ideally gain would be VREF/512 mV, however, due to
internal settling characteristics, the average effective
value of the internal 256 mV reference is 252 mV.
4.2: Can the signal to noise ratio be improved?
4.3: I need 1% tolerance on gain. Does HP sell
a more precise version?
4.4: The output doesn’t go all the way to VREF
when the input is above full scale.
Why not?
4.5: Does the gain change if the internal
LED light output degrades with time?
4.6: Why is gain defined as VREF/504 mV, not
VREF/512 mV as expected, based on
Figure 24?



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com