Electronic Components Datasheet Search
  English  ▼

X  

HCPL788J Datasheet(PDF) 8 Page - Agilent(Hewlett-Packard)

Part # HCPL788J
Description  Isolation Amplifier with Short Circuit and Overload Detection
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL788J Datasheet(HTML) 8 Page - Agilent(Hewlett-Packard)

Back Button HCPL788J Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL788J Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL788J Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL788J Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL788J Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL788J Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL788J Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL788J Datasheet HTML 11Page - Agilent(Hewlett-Packard) HCPL788J Datasheet HTML 12Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
8
Notes:
01. In accordance with UL1577, each optocoupler is proof tested by applying an insulation test voltage
≥ 4200 Vrms for 1 second
(leakage detection current limit, II-O ≤ 5 µA). This test is performed before the 100% production test for partial discharge
(method b) shown in VDE 0884 Insulation Characteristic Table, if applicable.
02. The Input-Output Momentary Withstand Voltage is a dielectric voltage rating that should not be interpreted as an input-output
continuous voltage rating. For the continuous voltage rating refer to your equipment level safety specification or VDE0884
insulation characteristics table.
03. Device considered a two terminal device: pins 1-8 shorted together and pins 9-16 shorted together.
04. VDD1 must be applied to both pins 5 and 7. VDD2 must be applied to both pins 10 and 15.
05. If VREF exceeds VDD2 (due to power-up sequence, for example), the current into pin 11 (IREF) should be limited to 20 mA or less.
06. Input Offset voltage is defined as the DC Input voltage required to obtain an output voltage (at pin 12) of VREF/2.
07. This is the Absolute Value of Input Offset Change vs. Temperature.
08. This is the Absolute Value of VOUT Gain Change vs. Temperature.
09. |VIN+| must exceed this amount in order for the FAULT output to be activated.
10. ABSVAL is derived from VOUT (which has the gain and offset tolerances stated earlier). ABSVAL is 0 V when VIN = 0 V and increases
toward VREF as VIN approaches +256 mV or -256 mV. εABS is the difference between the actual ABSVAL output and what ABSVAL
should be, given the value of VOUT. εABS is expressed in terms of
percent of full scale and is defined as
|ABSVAL - 2 x | VOUT - VREF / 2| |
x 100.
VREF
11. CMRRIN is defined as the ratio of the gain for differential inputs applied between pins 1 and 2 to the gain for common mode inputs
applied to both pins 1 and 2 with respect to pin 8.
12. The signal-to-noise ratio of the HCPL-788J can be improved with the addition of an external low pass filter to the output. See
Frequently Asked Question #4.2 in the Applications Information Section at the end of this data sheet.
13. As measured from 50% of VIN to 50% of VOUT.
14. This is the amount of time from when the FAULT Detection Threshold (230 mV
≤ V
THF ≤ 280 mV) is exceeded to when the
FAULT output goes low.
15. This is the amount of time for the FAULT Output to return to a high state once the FAULT Detection Threshold (230 mV
≤ V
THF
≤ 280 mV) is no longer exceeded.
16. Input pulses shorter than the fault rejection pulse width (tREJECT), will not activate the FAULT (pin 14) output. See Frequently
Asked Question #2.3 in the Applications Information Section at the end of this data sheet for additional detail on how to avoid false
tripping of the FAULT output due to cable capacitance charging transients.
17. CMTI is also known as Common Mode Rejection or Isolation Mode Rejection. It is tested by applying an exponentially rising/falling
voltage step on pin 8 (GND1) with respect to pin 9 (GND2). The rise time of the test waveform is set to approximately 50 ns. The
amplitude of the step is adjusted until VOUT (pin 12) exhibits more than 100 mV deviation from the average output voltage for more
than 1
µs. The HCPL-788J will continue to function if more than 10 kV/µs common mode slopes are applied, as long as the break-
down voltage limitations are observed. [The HCPL-788J still functions with common mode slopes above 10 kV/
µs, but output noise
may increase to as much as 600 mV peak to peak.]
18. CMRR is defined as the ratio of differential signal gain (signal applied differentially between pins 1 and 2) to the common mode gain
(input pins tied to pin 8 and the signal applied between the input and the output of the isolation amplifier) at 60 Hz, expressed in dB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com