Electronic Components Datasheet Search
  English  ▼

X  

HCPL788J Datasheet(PDF) 10 Page - Agilent(Hewlett-Packard)

Part # HCPL788J
Description  Isolation Amplifier with Short Circuit and Overload Detection
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL788J Datasheet(HTML) 10 Page - Agilent(Hewlett-Packard)

Back Button HCPL788J Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL788J Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL788J Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL788J Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL788J Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL788J Datasheet HTML 11Page - Agilent(Hewlett-Packard) HCPL788J Datasheet HTML 12Page - Agilent(Hewlett-Packard) HCPL788J Datasheet HTML 13Page - Agilent(Hewlett-Packard) HCPL788J Datasheet HTML 14Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
10
Figure 15. FAULT Detection, 0 to
300 mV Input, at VREF = 5 V.
Figure 12. Bandwidth vs.
Temperature.
Figure 13. FAULT Detection Delay vs.
Temperature.
Figure 14. Step Response, 0 to 200 mV
Input, at VREF = 5 V.
Figure 16. FAULT Release, 300 to
0 mV Input, at VREF = 5 V.
Figure 17. FAULT Rejecting a 1
µs, 0
to 2 V to 0 Input. Rejection is
Independent of Amplitude.
Figure 18. Detection of 6
µs Fault 0 to
2 V to 0 Input, at VREF = 5 V.
Figure 19. Sine Response 400 mV pk to
pk 4 kHz Input, at VREF = 5 V.
-40
25
TEMPERATURE – °C
-20
35
020
60
80
40
30
34
33
32
31
29
28
27
26
-40
2.5
TEMPERATURE – °C
-20
3.5
020
60
80
40
3.0
2.75
3.25
0 V
2.5 V
5 V
0 V
2.5 V
5 V
0 V
2.5 V
5 V
-300 mV
0 mV
300 mV
5.00 µs/DIV
VIN 300 mV/D
VOUT (PIN 12)
2.5 V/D
FAULT (PIN 14) 2.5 V/D
ABSVAL (PIN 13)
2.5 V/D
0 V
2.5 V
5 V
0 V
2.5 V
5 V
0 V
2.5 V
5 V
-300 mV
0 mV
300 mV
5.00 µs/DIV
VIN 300 mV/D
VOUT (PIN 12) 2.5 V/D
ABSVAL (PIN 13)
2.5 V/D
FAULT (PIN 14)
2.5 V/D
0 V
2.5 V
5.0 V
0 V
2.5 V
5.0 V
0 V
2.5 V
5.0 V
-2 V
0 mV
2 V
5.00 µs/DIV
VIN 2.0 V/D
VOUT (PIN 12) 2.5 V/D
ABSVAL (PIN 13)
2.5 V/D
FAULT
(PIN 14)
2.5 V/D
0 V
2.5 V
5 V
0 V
2.5 V
5 V
0 V
2.5 V
5 V
-300 mV
0 mV
300 mV
100 µs/DIV
VIN 300 mV/D
VOUT (PIN 12) 2.5 V/D
ABSVAL (PIN 13) 2.5 V/D
FAULT (PIN 14) 2.5 V/D
0 V
2.5 V
5 V
0 V
2.5 V
5 V
0 V
2.5 V
5 V
-300 mV
0 mV
300 mV
5.00 µs/DIV
VIN 300 mV/D
VOUT (PIN 12) 2.5 V/D
ABSVAL (PIN 13) 2.5 V/D
FAULT (PIN 14) 2.5 V/D
5.00 µs/DIV
0 V
2.5 V
5 V
0 V
2.5 V
5 V
0 V
2.5 V
5 V
-300 mV
0 mV
300 mV
FAULT (PIN 14) 2.5 V/D
VIN 300 mV/D
VOUT (PIN 12) 2.5 V/D
ABSVAL (PIN 13)
2.5 V/D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com