Electronic Components Datasheet Search
  English  ▼

X  

SAP5 Datasheet(PDF) 50 Page - Integrated Device Technology

Part # SAP5
Description  AS-Interface Spec. V3.0 Compliant Universal AS-i IC
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

SAP5 Datasheet(HTML) 50 Page - Integrated Device Technology

Back Button SAP5 Datasheet HTML 46Page - Integrated Device Technology SAP5 Datasheet HTML 47Page - Integrated Device Technology SAP5 Datasheet HTML 48Page - Integrated Device Technology SAP5 Datasheet HTML 49Page - Integrated Device Technology SAP5 Datasheet HTML 50Page - Integrated Device Technology SAP5 Datasheet HTML 51Page - Integrated Device Technology SAP5 Datasheet HTML 52Page - Integrated Device Technology SAP5 Datasheet HTML 53Page - Integrated Device Technology SAP5 Datasheet HTML 54Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 66 page
background image
SAP51 / SAP5S Datasheet
© 2016 Integrated Device Technology, Inc.
50
January 28, 2016
Figure 5.8
Data Input Voltage Constraints in Safety Mode
As soon as the F-D0* input pad detects an offset level less than VOFL(Max), the SAP5 resets the data input for D1
(F-D1*), signaling an OPEN state at the safety switch connected to D0*. The input data for D3 (F-D3*) will be
reset if F-D2* detects an offset level less than VOFL(Max).
Provided that the offset levels are not missing, the EEPROM bits D1* and D3* are transmitted as data bits D1 and
D3 if swap_flag = ‘0’; otherwise they are swapped.
In order to avoid desynchronization with the safety monitor in case the AS-i master repeats a DEXG call, the
SAP5 will not update the data code word for 224
µs (+16µs) after a DEXG call had been processed.
5.19. Master and Repeater Modes
5.19.1. Master/ Repeater Mode Activation
The SAP5 Master/Repeater Mode functionality is enabled via the Master_Mode EEPROM flag (refer to Table
4.2). In order to activate the Master_Mode, an SAP5 Reset (see section 5.13) must be performed after
programming the EEPROM Master_Mode flag.
For the distinction between Master and Repeater Mode, the ID_Code can be set to a specific value as described
in Table 5.24.
NOTE: The ID_Code must be programmed before activation of the Master_Mode flag. Once the Master_Mode
flag is set to logic high, the slave functionality of the SAP5 is no longer available, preventing any write access to
the EEPROM by use of AS-i master requests as described in section 4.3.
Moreover, the Master and Repeater Mode functionality can be disabled generally by use of a hidden EEPROM
flag. This flag is inaccessible by the user, but can be set during the IDT production test.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com