Electronic Components Datasheet Search
  English  ▼

X  

SAP5 Datasheet(PDF) 17 Page - Integrated Device Technology

Part # SAP5
Description  AS-Interface Spec. V3.0 Compliant Universal AS-i IC
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

SAP5 Datasheet(HTML) 17 Page - Integrated Device Technology

Back Button SAP5 Datasheet HTML 13Page - Integrated Device Technology SAP5 Datasheet HTML 14Page - Integrated Device Technology SAP5 Datasheet HTML 15Page - Integrated Device Technology SAP5 Datasheet HTML 16Page - Integrated Device Technology SAP5 Datasheet HTML 17Page - Integrated Device Technology SAP5 Datasheet HTML 18Page - Integrated Device Technology SAP5 Datasheet HTML 19Page - Integrated Device Technology SAP5 Datasheet HTML 20Page - Integrated Device Technology SAP5 Datasheet HTML 21Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 66 page
background image
SAP51 / SAP5S Datasheet
© 2016 Integrated Device Technology, Inc.
17
January 28, 2016
3.2.13. Summary of Master Calls
Table 3.2 and Table 3.3 on the following pages show the complete set of master calls that are decoded by the
SAP5 in Slave Mode. The master calls in Table 3.3 are intended for programming the SAP5 by the slave
manufacturer only. They become deactivated as soon as the Lock_EE_PRG and Safety_Program_Mode_Disable
flags are set in the Firmware Area of the EEPROM.
The following abbreviations are used in Table 3.2 and Table 3.3 column headings:
• ST: Start bit
• CB: Control bit
• PB: Parity Bit
• EB: End Bit
Important note regarding full compliance with the AS-Interface Complete Specification: In order to achieve full
compliance with the AS-Interface Complete Specification, the Lock_EE_PRG flag must be set by the
manufacturer of AS-i slave modules during the final manufacturing and configuration process and before an
AS-i slave device is delivered to field application users.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com