Electronic Components Datasheet Search
  English  ▼

X  

SAP5 Datasheet(PDF) 9 Page - Integrated Device Technology

Part # SAP5
Description  AS-Interface Spec. V3.0 Compliant Universal AS-i IC
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

SAP5 Datasheet(HTML) 9 Page - Integrated Device Technology

Back Button SAP5 Datasheet HTML 5Page - Integrated Device Technology SAP5 Datasheet HTML 6Page - Integrated Device Technology SAP5 Datasheet HTML 7Page - Integrated Device Technology SAP5 Datasheet HTML 8Page - Integrated Device Technology SAP5 Datasheet HTML 9Page - Integrated Device Technology SAP5 Datasheet HTML 10Page - Integrated Device Technology SAP5 Datasheet HTML 11Page - Integrated Device Technology SAP5 Datasheet HTML 12Page - Integrated Device Technology SAP5 Datasheet HTML 13Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 66 page
background image
SAP51 / SAP5S Datasheet
© 2016 Integrated Device Technology, Inc.
9
January 28, 2016
2.2.
Operating Conditions
Table 2.2
Operating Conditions
Parameter
Symbol
Conditions
Min
Max.
Unit
Negative supply voltage
VLTGN
0
0
V
DC voltage at LTGP pin
1), 2)
VLTGP
Relative to VLTGN
16
34
V
Operating current
ILTGP
VLTGP = 30V
fc = 16.000MHz
No load at any pin;
transmitter is turned off;
digital state machine is in
idle state.
6
mA
Max. output sink current at pins D[3:0], DSTBn
ICL1
10
mA
Max. output sink current at pins P[3:0], PSTBn
ICL2
10
mA
Ambient operating temperature range
Tamb
-25
85
°C
1)
Below VLTGPmin the power supply block might not be able to provide the specified output currents at UOUT and U5R.
2)
Outside of these limits, the send current shape and send current amplitude cannot be guaranteed.
Table 2.3
Crystal Frequency
Parameter
Symbol
Conditions
Nominal
Unit
Crystal frequency
1)
fc
5.333 or 16.000
MHz
1)
The SAP5 automatically detects whether the crystal frequency is 5.333MHz or 16.000MHz and controls the internal clock circuit
accordingly.
2.3.
EMC Behavior
The SAP51/SAP5S fulfills the requirements defined in AS-Interface Complete Specification V3.0 and related test
requirements for AS-Interface slave ICs. In addition to the AS-Interface Complete Specification and in
combination with a reference component circuit, the SAP51/SAP5S achieves a communication failure rate less
than 10% of the allowed failure rate according to the "Fast Transient" test method specified in the related
AS-Interface association test procedures. The behavior specified above is correct by design and is proven during
SAP51/SAP5S characterization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com