Electronic Components Datasheet Search
  English  ▼

X  

SAP5 Datasheet(PDF) 51 Page - Integrated Device Technology

Part # SAP5
Description  AS-Interface Spec. V3.0 Compliant Universal AS-i IC
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

SAP5 Datasheet(HTML) 51 Page - Integrated Device Technology

Back Button SAP5 Datasheet HTML 47Page - Integrated Device Technology SAP5 Datasheet HTML 48Page - Integrated Device Technology SAP5 Datasheet HTML 49Page - Integrated Device Technology SAP5 Datasheet HTML 50Page - Integrated Device Technology SAP5 Datasheet HTML 51Page - Integrated Device Technology SAP5 Datasheet HTML 52Page - Integrated Device Technology SAP5 Datasheet HTML 53Page - Integrated Device Technology SAP5 Datasheet HTML 54Page - Integrated Device Technology SAP5 Datasheet HTML 55Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 66 page
background image
SAP51 / SAP5S Datasheet
© 2016 Integrated Device Technology, Inc.
51
January 28, 2016
Table 5.24 Activation of the SAP5 Master/Repeater Mode
Master_Mode
EEPROM flag
ID_Code
Master Mode 1
Master Mode 2
Repeater Mode
0
x
OFF
OFF
OFF
1
0 to 4
ON
OFF
OFF
1
6 to FHEX
OFF
ON
OFF
1
5
OFF
OFF
ON
5.19.2. Pin Assignment in Master and Repeater Modes
In Master and Repeater Mode, the SAP5 pins are configured as follows. Pins that are not used are kept at logic
high (high impedance) state in order to reduce internal power dissipation of the SAP5.
Figure 5.9
SAP Package Pin Assignment in Master/Repeater Mode
RESETn
RX_DAT
OSC2
OSC1
not used
not used
not used
TX_DAT
not used
not used
not used
not used
APF
not used
not used
UOUT
U5R
LTGN
CDC
LTGP
SAP5
Pin 1
Table 5.25 SAP5 Pin Assignment in Master and Repeater Modes
SOP 20
Pin #
SOP 16
Pin #
Name
Signal Name
Pin Configuration
Description
in Master/Repeater Mode
1
-
P1
None
I/O
Not used
2
-
P0
None
I/O
Not used
3
1
D1
None
I/O
Not used
4
2
D0
TX_DAT
IN
Transmit signal (Manchester II signal)
5
3
DSTBn
RESETn
IN
External reset input (active LOW)
6
4
LED1
RX_DAT
OUT
Receive signal (Manchester II signal)
7
5
OSC2
OSC2
OUT
Crystal oscillator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com