Electronic Components Datasheet Search
  English  ▼

X  

SAP5 Datasheet(PDF) 54 Page - Integrated Device Technology

Part # SAP5
Description  AS-Interface Spec. V3.0 Compliant Universal AS-i IC
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

SAP5 Datasheet(HTML) 54 Page - Integrated Device Technology

Back Button SAP5 Datasheet HTML 50Page - Integrated Device Technology SAP5 Datasheet HTML 51Page - Integrated Device Technology SAP5 Datasheet HTML 52Page - Integrated Device Technology SAP5 Datasheet HTML 53Page - Integrated Device Technology SAP5 Datasheet HTML 54Page - Integrated Device Technology SAP5 Datasheet HTML 55Page - Integrated Device Technology SAP5 Datasheet HTML 56Page - Integrated Device Technology SAP5 Datasheet HTML 57Page - Integrated Device Technology SAP5 Datasheet HTML 58Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 66 page
background image
SAP51 / SAP5S Datasheet
© 2016 Integrated Device Technology, Inc.
54
January 28, 2016
In Master/Repeater Mode, the SAP5 provides an AS-i power-fail detector. It consists of a comparator directly
connected to the LTGP pin that generates a logic signal if the voltage at the LTGP pin drops below VAPF (refer to
Table 5.28).
A subsequent digital signal processing of the comparator output signal is performed as follows:
• An anti-bouncing filter removes any signal states shorter than 6
µs. This is to eliminate the influence of AS-i
telegrams that are added onto the AS-i DC voltage.
• An additional anti-bouncing filter with different filter times for activation and deactivation of the power-fail
signal removes short power-fail pulses.
• The AS-i power-fail signal is provided directly active high as the signal APF.
• Additionally, in Master Mode, the AS-i power-fail signal modulates the RX_DAT signal; whereas the active
state is signaled by logic high level.
Table 5.28 Master/Repeater Mode Parameter
Parameter
Symbol
Min
Max
Unit
Loopback time in Master Mode
1)
tLOOPBACK
4.9
6.5
µs
AS-i Power Fail voltage threshold
VAPF
21.5
23.5
V
Minimum activation time for signaling of AS-i Power Fail by use of the
RX_DAT signal
2)
tAPF_RX_DAT
640
704
µs
Release time of the AS-i Power Fail state within the RX_DAT signal
2)
tAPF_ON_RX_DAT
64
µs
Minimum activation time for signaling of AS-i Power Fail by use of the
APF signal
2)
tAPF_APF
704
768
µs
AS-i Power Fail hold time
tHOLD_APF
64
µs
Delay time after return of the AS-i power
tAPF_OFF
64
128
µs
Break time in case of an erroneous AS-i signal
tBREAK
9
15
µs
1)
Loopback time is the time difference between an edge in the MAN code of signal TX_DAT and the corresponding edge in the
Manchester-code of the signal RX_DAT. The voltage trigger level for measurement of the edge time is defined by VU5R/2. The actual
loopback time may be adjusted by programming the ID_Code_Extension_2 EEPROM register as described in Table 5.27.
2)
In Master Mode, the AS-i Power Fail state is already signaled by the RX_DAT signal as soon as the power fail condition is true for a
time more than tAPF_RX_DAT. However, in order to start the APF minimum hold state (tHOLD_APF), the power fail condition must remain true
for another time period defined by tAPF_ON_RX_DAT. Otherwise, the RX_DAT signal returns to its idle state (logic low) immediately.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com