Electronic Components Datasheet Search
  English  ▼

X  

SAP5 Datasheet(PDF) 65 Page - Integrated Device Technology

Part # SAP5
Description  AS-Interface Spec. V3.0 Compliant Universal AS-i IC
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

SAP5 Datasheet(HTML) 65 Page - Integrated Device Technology

Back Button SAP5 Datasheet HTML 58Page - Integrated Device Technology SAP5 Datasheet HTML 59Page - Integrated Device Technology SAP5 Datasheet HTML 60Page - Integrated Device Technology SAP5 Datasheet HTML 61Page - Integrated Device Technology SAP5 Datasheet HTML 62Page - Integrated Device Technology SAP5 Datasheet HTML 63Page - Integrated Device Technology SAP5 Datasheet HTML 64Page - Integrated Device Technology SAP5 Datasheet HTML 65Page - Integrated Device Technology SAP5 Datasheet HTML 66Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 65 / 66 page
background image
SAP51 / SAP5S Datasheet
© 2016 Integrated Device Technology, Inc.
65
January 28, 2016
8
Ordering Information
Ordering Code
Operating Temperature
Package Type
RoHS?
Packaging
SAP5SD-A-G1-T
-25°C to +85°C
SOP20 / 300 mil
Yes
Tubes
(37 parts/tube)
SAP51D-A-G1-T
SAP5SD-A-G1-R
-25°C to +85°C
SOP20 / 300 mil
Yes
Tape and Reel
(1000 parts/reel)
SAP51D-A-G1-R
SAP5SD-B-G1-T
-25°C to +85°C
SOP16 / 300 mil
Yes
Tubes
(46 parts/tube)
SAP51D-B-G1-T
SAP5SD-B-G1-R
-25°C to +85°C
SOP16 / 300 mil
Yes
Tape and Reel
(1000 parts/reel)
SAP51D-B-G1-R
9
Related Documents
9.1.
Related IDT Documents
Document
SAP5 /SAP5S Feature Sheet
SAP51/SAP5S Application Notes *
SAP51/SAP5S Release Note Rev D
SAP51/SAP5S Errata Sheet
Management Regulation: 0410 Product Development Procedure **
Process Specification: IDT C7D 0.6µm Technology **
Visit the SAP5S/SAP51 web page at http://www.IDT.com/products/as-interface/SAP5 or contact your nearest
sales office for the latest version of these documents.
* Documents marked with an asterisk (*) require a free customer login for access.
** Documents marked with two asterisks (**) are available only on request.
9.2.
Related Third-Party Documents
Document
Related Web Site
AS-Interface Complete Specification Version 3.0 Rev5, 11.12.2013
www.as-interface.net
Specification of Safe AS-i Transmission V2.01, 12.05.2000
www.as-interface.net



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com