Electronic Components Datasheet Search
  English  ▼

X  

MLX71122 Datasheet(PDF) 16 Page - Melexis Microelectronic Systems

Part # MLX71122
Description  300 to 930MHz FSK/FM/ASK Receiver
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX71122 Datasheet(HTML) 16 Page - Melexis Microelectronic Systems

Back Button MLX71122_16 Datasheet HTML 12Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 13Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 14Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 15Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 16Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 17Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 18Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 19Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 20Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 59 page
background image
MLX71122
300 to 930MHz FSK/FM/ASK Receiver
Datasheet
REVISION 014 – AUGUST, 2016
Page 16 of 59
390 10 71122 01
3. Functional Description
3.1. Frequency Planning
Because of the double conversion architecture that employs two mixers and two IF signals, there are four
different combinations for injecting the LO1 and LO2 signals:
LO1 high side and LO2 high side:
receiving at fRF High-High
LO1 high side and LO2 low side:
receiving at fRF High-Low
LO1 low side and LO2 high side:
receiving at fRF Low-High
LO1 low side and LO2 low side:
receiving at fRF Low-Low
As a result, four different input frequencies could produce the same second IF (IF2). This may seem like a
problem, but being able to select high or low side injection makes it possible to avoid interference from
undesired signals. This can not be done with the more common receivers which are single conversion with
a low IF frequency. It is also often possible with the MLX71122 to use a simple RF filter to get better image
rejection than low IF receivers which have an image reject mixer.
Referring to the block diagram in fig.1, the following equations apply:
MHz
f
IF
0
.
2
2
,
2
LO
N
LO2DIV = 4 or 8
IN
f
desired RF signal frequency
LO1 on high side:
1
IF
IN
VCO
f
f
f
LO2 on high side:
MHz
f
N
f
IF
LO
VCO
0
.
2
1
2
LO1 on low side:
1
IF
VCO
IN
f
f
f
LO2 on low side:
MHz
N
f
f
LO
VCO
IF
0
.
2
2
1
From these seven equations, we get:
LO1 high side and LO2 high side:
1
)
2
(
2
2
LO
LO
IN
VCO
N
N
MHz
f
f
(1)
LO1 high side and LO2 low side:
1
)
2
(
2
2
LO
LO
IN
VCO
N
N
MHz
f
f
(2)
LO1 low side and LO2 high side:
1
)
2
(
2
2
LO
LO
IN
VCO
N
N
MHz
f
f
(3)
LO1 low side and LO2 low side:
1
)
2
(
2
2
LO
LO
IN
VCO
N
N
MHz
f
f
(4)
Fig. 3 on the next page shows the 4 possible RF frequencies when receiving at fRF High-High is desired.
Example:
Let
MHz
f
IN
315
and
4
2
LO
N
. From (1) we get
MHz
MHz
MHz
f
VCO
33
.
417
1
4
4
)
2
315
(
and further
MHz
f
IF
33
.
102
1
,
MHz
f
LO
33
.
104
2
and the 2
nd IF frequency is 2.0MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com