Electronic Components Datasheet Search
  English  ▼

X  

LPC47B272 Datasheet(PDF) 13 Page - SMSC Corporation

Part # LPC47B272
Description  100 Pin Enhanced Super I/O Controller with LPC Interface
PDF  195 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47B272 Datasheet(HTML) 13 Page - SMSC Corporation

Back Button LPC47B272 Datasheet HTML 9Page - SMSC Corporation LPC47B272 Datasheet HTML 10Page - SMSC Corporation LPC47B272 Datasheet HTML 11Page - SMSC Corporation LPC47B272 Datasheet HTML 12Page - SMSC Corporation LPC47B272 Datasheet HTML 13Page - SMSC Corporation LPC47B272 Datasheet HTML 14Page - SMSC Corporation LPC47B272 Datasheet HTML 15Page - SMSC Corporation LPC47B272 Datasheet HTML 16Page - SMSC Corporation LPC47B272 Datasheet HTML 17Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 195 page
background image
SMSC LPC47B27x
- 13 -
Rev. 04-17-07
DATASHEET
BLOCK DIAGRAM
FIGURE 1 – LPC47B27x BLOCK DIAGRAM
REFERENCE DOCUMENTS
1.
SMSC Consumer Infrared Communications Controller (CIrCC) V1.X
2.
IEEE 1284 Extended Capabilities Port Protocol and ISA Standard, Rev. 1.14, July 14, 1993.
3.
Hardware Description of the 8042, Intel 8 bit Embedded Controller Handbook.
4.
PCI Bus Power Management Interface Specification, Rev. 1.0, Draft, March 18, 1997.
5.
Low Pin Count (LPC) Interface Specification, Revision 1.0, September 29, 1997, Intel Document.
6.
SMSC Application Note, AN 8-8: Using the Enhanced Keyboard and Mouse Wakeup Feature in SMSC Super I/O
Parts.
7.
SMSC Application Note, AN 9-3: Application Considerations When Using the Powerdown Feature of SMSC
Floppy Disk Controllers.
3 VOLT OPERATION / 5 VOLT TOLERANCE
The LPC47B27x is a 3.3 Volt part. It is intended solely for 3.3V applications. Non-LPC bus pins are 5V tolerant; that
is, the input voltage is 5.5V max, and the I/O buffer output pads are backdrive protected.
The LPC interface pins are 3.3 V only. These signals meet PCI DC specifications for 3.3V signaling. These pins are:
•
LAD[3:0]
•
nLFRAME
•
nLDRQ
•
nLPCPD
The input voltage for all other pins is 5.5V max. These pins include all non-LPC Bus pins and the following pins:
•
nPCI_RESET
•
PCI_CLK
•
SER_IRQ
•
nIO_PME
nDSR1, nDCD1, nRI1, nDTR1
TXD1, nCTS1, nRTS1
nINIT , nALF
LPC BUS
INTERFACE
MULTI-MODE
PARALLEL
PORT/FDC
MUX
16C550
COMPATIBLE
SERIAL
PORT 1
16C550
COMPATIBLE
SERIAL
PORT 2 WITH
INFRARED
ADDRESS BUS
DATA BUS
CLOCK
GEN
CLOCKI
14MHz
nINDEX
nTRK0
nDSKCHG
nWRPRT
nWGATE
DENSEL
nDIR
nSTEP
nHDSEL
nDS0
nMTR0
RDATA
RCLOCK
WDATA
WCLOCK
nWDATA nRDATA
TXD2(IRTX), nCTS2, nRTS2*
RXD2(IRRX)*
nDSR2, nDCD2, nRI2, nDTR2*
RXD1
PD0-7
BUSY, SLCT, PE,
nERROR, nACK
nSTB, nSLCTIN,
SMSC
PROPRIETARY
82077
COMPATIBLE
VERTICAL
FLOPPYDISK
CONTROLLER
CORE
DIGITAL
DATA
SEPARATOR
WITH WRITE
PRECOM-
PENSATION
IRRX, IRTX
DRVDEN0
DRVDEN1*
SERIAL
IRQ
SER_IRQ
PCI_CLK
8042
KCLK
KDATA
MCLK
MDATA
GATEA20, KRESET
PME
Vcc Vss
nIO_PME
WDT
*
Denotes Multifunction Pins
CLK32
32KHz
VTR
SMI
LPC Bus
Signals
CONFIGURATION
REGISTERS
CONTROL BUS
Fan
Control
FAN1*
FAN2*
FAN_TACH1*
FAN_TACH2*
GENERAL
PURPOSE
I/O
GP1[0:7]*
GP2[0:2,4:7]*
MPU-401
SERIAL
PORT
MIDI_IN
MIDI_OUT
Game Port
...
Game Port Signals*
(1-Dual)
GP3[0:7]*, GP4[0:3]*
GP5[0:7]*, GP6[0:1]*
ACPI
BLOCK
nIO_SMI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com