Electronic Components Datasheet Search
  English  ▼

X  

LPC47B272 Datasheet(PDF) 21 Page - SMSC Corporation

Part # LPC47B272
Description  100 Pin Enhanced Super I/O Controller with LPC Interface
PDF  195 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47B272 Datasheet(HTML) 21 Page - SMSC Corporation

Back Button LPC47B272 Datasheet HTML 17Page - SMSC Corporation LPC47B272 Datasheet HTML 18Page - SMSC Corporation LPC47B272 Datasheet HTML 19Page - SMSC Corporation LPC47B272 Datasheet HTML 20Page - SMSC Corporation LPC47B272 Datasheet HTML 21Page - SMSC Corporation LPC47B272 Datasheet HTML 22Page - SMSC Corporation LPC47B272 Datasheet HTML 23Page - SMSC Corporation LPC47B272 Datasheet HTML 24Page - SMSC Corporation LPC47B272 Datasheet HTML 25Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 195 page
background image
SMSC LPC47B27x
- 21 -
Rev. 04-17-07
DATASHEET
I/O and DMA START Fields
I/O and DMA cycles use a START field of 0000.
Reset Policy
The following rules govern the reset policy:
1)
When nPCI_RESET goes inactive (high), the clock is assumed to have been running for 100usec prior to the
removal of the reset signal, so that everything is stable. This is the same reset active time after clock is stable
that is used for the PCI bus.
2)
When nPCI_RESET goes active (low):
a)
the host drives the nLFRAME signal high, tristates the LAD[3:0] signals, and ignores the nLDRQ signal.
b)
the LPC47B27x must ignore nLFRAME, tristate the LAD[3:0] pins and drive the nLDRQ signal inactive
(high).
LPC TRANSFERS
Wait State Requirements
I/O Transfers
The LPC47B27x inserts three wait states for an I/O read and two wait states for an I/O write cycle. A SYNC of 0110 is
used for all I/O transfers. The exception to this is for transfers where IOCHRDY would normally be deasserted in an
ISA transfer (i.e., EPP or IrCC transfers) in which case the sync pattern of 0110 is used and a large number of syncs
may be inserted (up to 330 which corresponds to a timeout of 10us).
DMA Transfers
The LPC47B27x inserts three wait states for a DMA read and four wait states for a DMA write cycle. A SYNC of
0101 is used for all DMA transfers.
See the example timing for the LPC cycles in the “Timing Diagrams” section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com