Electronic Components Datasheet Search
  English  ▼

X  

LPC47B272 Datasheet(PDF) 1 Page - SMSC Corporation

Part # LPC47B272
Description  100 Pin Enhanced Super I/O Controller with LPC Interface
PDF  195 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47B272 Datasheet(HTML) 1 Page - SMSC Corporation

  LPC47B272 Datasheet HTML 1Page - SMSC Corporation LPC47B272 Datasheet HTML 2Page - SMSC Corporation LPC47B272 Datasheet HTML 3Page - SMSC Corporation LPC47B272 Datasheet HTML 4Page - SMSC Corporation LPC47B272 Datasheet HTML 5Page - SMSC Corporation LPC47B272 Datasheet HTML 6Page - SMSC Corporation LPC47B272 Datasheet HTML 7Page - SMSC Corporation LPC47B272 Datasheet HTML 8Page - SMSC Corporation LPC47B272 Datasheet HTML 9Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 195 page
background image
SMSC LPC47B27x
Rev. 04-17-07
DATASHEET
LPC47B27x
100 Pin Enhanced Super I/O Controller with LPC
Interface
FEATURES
•
3.3 Volt Operation, 5 Volt Tolerant
•
LPC Interface
•
Fan Control
-
Fan Speed Control Outputs (2)
-
Fan Tachometer Inputs (2)
•
Programmable Wake-up Event Interface
•
PC98, PC99, and ACPI 1.0 Compliant
•
Dual Game Port Interface
•
MPU-401 MIDI Support
•
General Purpose Input/Output Pins (37)
•
ISA IRQ to Serial IRQ Conversion
•
ISA Plug-and-Play Compatible Register Set
•
Intelligent Auto Power Management
•
System Management Interrupt
•
2.88MB Super I/O Floppy Disk Controller
-
Licensed CMOS 765B Floppy Disk
Controller
-
Software and Register Compatible
with SMSC's Proprietary 82077AA
Compatible Core
-
Supports Two Floppy Drives Directly
-
Configurable Open Drain/Push-Pull
Output Drivers
-
Supports Vertical Recording Format
-
16-Byte Data FIFO
-
100% IBM® Compatibility
-
Detects All Overrun and Underrun
Conditions
-
Sophisticated Power Control Circuitry
(PCC) Including Multiple Powerdown
Modes for Reduced Power
Consumption
-
DMA Enable Logic
-
Data Rate and Drive Control Registers
-
480 Address, Up to 15 IRQ and
Three DMA Options
•
Floppy Disk Available on Parallel Port Pins
•
Enhanced Digital Data Separator
-
2 Mbps, 1 Mbps, 500 Kbps, 300
Kbps, 250 Kbps Data Rates
-
Programmable Precompensation
Modes
•
Keyboard Controller
-
8042 Software Compatible
-
8 Bit Microcomputer
-
2k Bytes of Program ROM
-
256 Bytes of Data RAM
-
Four Open Drain Outputs Dedicated
for Keyboard/Mouse Interface
-
Asynchronous Access to Two Data
Registers and One Status Register
-
Supports Interrupt and Polling Access
-
8 Bit Counter Timer
-
Port 92 Support
-
Fast Gate A20 and KRESET Outputs
•
Serial Ports
-
Two Full Function Serial Ports
-
High Speed NS16C550A Compatible
UARTs with Send/Receive 16-Byte
FIFOs
-
Supports 230k and 460k Baud
Programmable Baud Rate Generator
Modem Control Circuitry
-
480 Address and 15 IRQ Options
•
Infrared Port
-
Multiprotocol Infrared Interface
-
32-Byte Data FIFO
-
IrDA 1.0 Compliant
-
Consumer IR
-
SHARP ASK IR
-
480 Address, Up to 15 IRQ and Three
DMA Options
•
Multi-Mode™ Parallel Port with ChiProtect™
-
Standard Mode IBM PC/XT
®, PC/AT®,
and PS/2™ Compatible Bidirectional
Parallel Port
-
Enhanced Parallel Port (EPP)
Compatible - EPP 1.7 and EPP 1.9
(IEEE 1284 Compliant)
-
IEEE 1284 Compliant Enhanced
Capabilities Port (ECP)
-
ChiProtect Circuitry for Protection
-
960 Address, Up to 15 IRQ and Three
DMA Options
•
LPC Interface
-
Multiplexed Command, Address and
Data Bus
-
Serial IRQ Interface Compatible with
Serialized IRQ Support for PCI Systems
-
PME Interface
•
100 Pin QFP Lead-Free RoHS Compliant
Package


Similar Part No. - LPC47B272

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
LPC47B27X SMSC-LPC47B27X Datasheet
1Mb / 196P
100 PIN ENHANCED SUPER I/O CONTROLLER WITH LPC INTERFACE
More results

Similar Description - LPC47B272

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
LPC47M112-MC SMSC-LPC47M112-MC Datasheet
1Mb / 193P
ENHANCED SUPER I/O CONTROLLER WITH LPC INTERFACE
LPC47B27X SMSC-LPC47B27X Datasheet
1Mb / 196P
100 PIN ENHANCED SUPER I/O CONTROLLER WITH LPC INTERFACE
LPC47M112 SMSC-LPC47M112 Datasheet
1Mb / 208P
ENHANCED SUPER I/O CONTROLLER WITH LPC INTERFACE
LPC47M10X SMSC-LPC47M10X Datasheet
244Kb / 5P
100 Pin Enhanced Super I/O Controller with LPC Interface for Consumer Applications
LPC47M10X SMSC-LPC47M10X_07 Datasheet
1Mb / 188P
100 Pin Enhanced Super I/O Controller with LPC Interface for Consumer Applications
LPC47M112 SMSC-LPC47M112_07 Datasheet
1Mb / 204P
Enhanced Super I/O Controller with LPC Interface
LPC47N217 SMSC-LPC47N217_07 Datasheet
94Kb / 5P
64-Pin Super I/O with LPC Interface
LPC47N267 SMSC-LPC47N267_05 Datasheet
221Kb / 5P
100 Pin LPC Super I/O with X-Bus Interface
LPC47N217N SMSC-LPC47N217N Datasheet
410Kb / 5P
56-Pin Super I/O with LPC Interface
LPC47N217N-JV SMSC-LPC47N217N-JV Datasheet
167Kb / 5P
64-Pin Super I/O with LPC Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com