Electronic Components Datasheet Search
  English  ▼

X  

LPC47B272 Datasheet(PDF) 9 Page - SMSC Corporation

Part # LPC47B272
Description  100 Pin Enhanced Super I/O Controller with LPC Interface
PDF  195 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47B272 Datasheet(HTML) 9 Page - SMSC Corporation

Back Button LPC47B272 Datasheet HTML 5Page - SMSC Corporation LPC47B272 Datasheet HTML 6Page - SMSC Corporation LPC47B272 Datasheet HTML 7Page - SMSC Corporation LPC47B272 Datasheet HTML 8Page - SMSC Corporation LPC47B272 Datasheet HTML 9Page - SMSC Corporation LPC47B272 Datasheet HTML 10Page - SMSC Corporation LPC47B272 Datasheet HTML 11Page - SMSC Corporation LPC47B272 Datasheet HTML 12Page - SMSC Corporation LPC47B272 Datasheet HTML 13Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 195 page
background image
SMSC LPC47B27x
- 9 -
Rev. 04-17-07
DATASHEET
DESCRIPTION OF PIN FUNCTIONS
PIN
No./
QFP
NAME
TOTAL
SYMBOL
BUFFER
TYPE
BUFFER TYPE
PER
FUNCTION
(NOTE 1)
NOTE
S
14
Track 0
1
nTRKO
IS
IS
13
Index Pulse Input
1
nINDEX
IS
IS
1
General Purpose
I/O/Drive Density
Select 0
1
GP40/
DRVDEN0
IO12
(I/O12/OD12)/
(O12/OD12)
2
General Purpose
I/O/Drive Density
Select 1
1
GP41/
DRVDEN1
IO12
(I/O12/OD12)/
(O12/OD12)
SERIAL PORT 1 INTERFACE (8)
84
Receive Serial Data 1
1
RXD1
IS
IS
85
Transmit Serial Data 1
1
TXD1
O12
O12
12
87
Request to Send 1
1
nRTS1/
SYSOP
O8
O8
88
Clear to Send 1
1
nCTS1
I
I
89
Data Terminal Ready 1
1
nDTR1
O6
O6
86
Data Set Ready 1
1
nDSR1
I
I
91
Data Carrier Detect 1
1
nDCD1
I
I
90
Ring Indicator 1
1
nRI1
I
I
SERIAL PORT 2 INTERFACE (8)
95
General Purpose I/O
/Receive Serial Data 2
/IRQ5
1
GP52/RXD2/
IRQ5
IS/O8
(IS/O8/OD8)/
IS/IS
96
General Purpose I/O
/Transmit Serial Data 2
/IRQ7
1
GP53/TXD2/
IRQ7
IO12
(I/O12/OD12)/
O12/I
5,6,7
98
General Purpose I/O
/Request to Send
2/IRQ10
1
GP55/
nRTS2/
IRQ10
IO8
(I/O8/OD8)/
O8/I
99
General Purpose I/O
/Clear to Send 2/IRQ11
1
GP56/nCTS
2/IRQ11
IO8
(I/O8/OD8)/I/I
100
General Purpose I/O
/Data Terminal
Ready/IRQ15
1
GP57/nDTR
2/IRQ15
IO8
(I/O8/OD8)/
O8/I
97
General Purpose I/O
/Data Set Ready
2/IRQ9
1
GP54/nDSR
2/IRQ9
IO8
(I/O8/OD8)/I/I
94
General Purpose
I/O/Data Carrier Detect
2/IRQ4
1
GP51/
nDCD2/
IRQ4
IO8
(I/O8/OD8)/I/I
92
General Purpose
I/O/Ring Indicator
2/IRQ3
1
GP50/nRI2/
IRQ3
IO8
(I/O8/OD8)/I/I
PARALLEL PORT INTERFACE (17)
66
Initiate Output/FDC
Direction Control
1
nINIT /nDIR
OP14
(OD14/OP14)/
OD14
67
Printer Select
Input/FDC Step Pulse
1
nSLCTIN
/nSTEP
OP14
(OD14/OP14)/
OD14
68
Port Data 0/FDC Index
1
PD0
/nINDEX
IS/OP14
IOP14/IS
69
Port Data 1/FDC Track
0
1
PD1 /nTRK0
IS/OP14
IOP14/IS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com