Electronic Components Datasheet Search
  English  ▼

X  

LPC47B272 Datasheet(PDF) 77 Page - SMSC Corporation

Part # LPC47B272
Description  100 Pin Enhanced Super I/O Controller with LPC Interface
PDF  195 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47B272 Datasheet(HTML) 77 Page - SMSC Corporation

Back Button LPC47B272 Datasheet HTML 73Page - SMSC Corporation LPC47B272 Datasheet HTML 74Page - SMSC Corporation LPC47B272 Datasheet HTML 75Page - SMSC Corporation LPC47B272 Datasheet HTML 76Page - SMSC Corporation LPC47B272 Datasheet HTML 77Page - SMSC Corporation LPC47B272 Datasheet HTML 78Page - SMSC Corporation LPC47B272 Datasheet HTML 79Page - SMSC Corporation LPC47B272 Datasheet HTML 80Page - SMSC Corporation LPC47B272 Datasheet HTML 81Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 195 page
background image
SMSC LPC47B27x
- 77 -
Rev. 04-17-07
DATASHEET
EPP DATA PORT 3
ADDRESS OFFSET = 07H
The EPP Data Port 3 is located at an offset of '07H' from the base address. Refer to EPP DATA PORT 0
for a description of operation. This register is only available in EPP mode.
EPP 1.9 OPERATION
When the EPP mode is selected in the configuration register, the standard and bi-directional modes are
also available. If no EPP Read, Write or Address cycle is currently executing, then the PDx bus is in the
standard or bi-directional mode, and all output signals (STROBE, AUTOFD, INIT) are as set by the SPP
Control Port and direction is controlled by PCD of the Control port.
In EPP mode, the system timing is closely coupled to the EPP timing. For this reason, a watchdog timer is
required to prevent system lockup. The timer indicates if more than 10usec have elapsed from the start of
the EPP cycle to nWAIT being deasserted (after command). If a time-out occurs, the current EPP cycle is
aborted and the time-out condition is indicated in Status bit 0.
During an EPP cycle, if STROBE is active, it overrides the EPP write signal forcing the PDx bus to always
be in a write mode and the nWRITE signal to always be asserted.
Software Constraints
Before an EPP cycle is executed, the software must ensure that the control register bit PCD is a logic "0"
(i.e., a 04H or 05H should be written to the Control port). If the user leaves PCD as a logic "1", and
attempts to perform an EPP write, the chip is unable to perform the write (because PCD is a logic "1") and
will appear to perform an EPP read on the parallel bus, no error is indicated.
EPP 1.9 Write
The timing for a write operation (address or data) is shown in timing diagram EPP Write Data or Address
cycle. The chip inserts wait states into the LPC I/O write cycle until it has been determined that the write
cycle can complete. The write cycle can complete under the following circumstances:
1.
If the EPP bus is not ready (nWAIT is active low) when nDATASTB or nADDRSTB goes active then
the write can complete when nWAIT goes inactive high.
2.
If the EPP bus is ready (nWAIT is inactive high) then the chip must wait for it to go active low before
changing the state of nDATASTB, nWRITE or nADDRSTB. The write can complete once nWAIT is
determined inactive.
Write Sequence of operation
1.
The host initiates an I/O write cycle to the selected EPP register.
2.
If WAIT is not asserted, the chip must wait until WAIT is asserted.
3.
The chip places address or data on PData bus, clears PDIR, and asserts nWRITE.
4.
Chip asserts nDATASTB or nADDRSTRB indicating that PData bus contains valid information, and
the WRITE signal is valid.
5.
Peripheral deasserts nWAIT, indicating that any setup requirements have been satisfied and the chip
may begin the termination phase of the cycle.
6.
a)
The chip deasserts nDATASTB or nADDRSTRB, this marks the beginning of the termination
phase. If it has not already done so, the peripheral should latch the information byte now.
b)
The chip latches the data from the internal data bus for the PData bus and drives the sync that
indicates that no more wait states are required followed by the TAR to complete the write cycle.
7.
Peripheral asserts nWAIT, indicating to the host that any hold time requirements have been satisfied
and acknowledging the termination of the cycle.
8.
Chip may modify nWRITE and nPDATA in preparation for the next cycle.
EPP 1.9 Read
The timing for a read operation (data) is shown in timing diagram EPP Read Data cycle. The chip inserts
wait states into the LPC I/O read cycle until it has been determined that the read cycle can complete. The
read cycle can complete under the following circumstances:
1
If the EPP bus is not ready (nWAIT is active low) when nDATASTB goes active then the read can
complete when nWAIT goes inactive high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com