Electronic Components Datasheet Search
  English  ▼

X  

LPC47B272 Datasheet(PDF) 74 Page - SMSC Corporation

Part # LPC47B272
Description  100 Pin Enhanced Super I/O Controller with LPC Interface
PDF  195 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47B272 Datasheet(HTML) 74 Page - SMSC Corporation

Back Button LPC47B272 Datasheet HTML 70Page - SMSC Corporation LPC47B272 Datasheet HTML 71Page - SMSC Corporation LPC47B272 Datasheet HTML 72Page - SMSC Corporation LPC47B272 Datasheet HTML 73Page - SMSC Corporation LPC47B272 Datasheet HTML 74Page - SMSC Corporation LPC47B272 Datasheet HTML 75Page - SMSC Corporation LPC47B272 Datasheet HTML 76Page - SMSC Corporation LPC47B272 Datasheet HTML 77Page - SMSC Corporation LPC47B272 Datasheet HTML 78Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 195 page
background image
SMSC LPC47B27x
- 74 -
Rev. 04-17-07
DATASHEET
PARALLEL PORT
The LPC47B27x incorporates an IBM XT/AT compatible parallel port. This supports the optional PS/2
type bi-directional parallel port (SPP), the Enhanced Parallel Port (EPP) and the Extended Capabilities
Port (ECP) parallel port modes. Refer to the Configuration Registers for information on disabling, power
down, changing the base address of the parallel port, and selecting the mode of operation.
The LPC47B27x also provides a mode for support of the floppy disk controller on the parallel port.
The parallel port also incorporates SMSC's ChiProtect circuitry, which prevents possible damage to the
parallel port due to printer power-up.
The functionality of the Parallel Port is achieved through the use of eight addressable ports, with their
associated registers and control gating. The control and data port are read/write by the CPU, the status
port is read/write in the EPP mode. The address map of the Parallel Port is shown below:
DATA PORT
BASE ADDRESS + 00H
STATUS PORT
BASE ADDRESS + 01H
CONTROL PORT
BASE ADDRESS + 02H
EPP ADDR PORT
BASE ADDRESS + 03H
EPP DATA PORT 0
BASE ADDRESS + 04H
EPP DATA PORT 1
BASE ADDRESS + 05H
EPP DATA PORT 2
BASE ADDRESS + 06H
EPP DATA PORT 3
BASE ADDRESS + 07H
The bit map of these registers is:
D0
D1
D2
D3
D4
D5
D6
D7
Note
DATA PORT
PD0
PD1
PD2
PD3
PD4
PD5
PD6
PD7
1
STATUS PORT
TMOUT
0
0
nERR
SLCT
PE
nACK
nBUSY
1
CONTROL
PORT
STROBE
AUTOFD
nINIT
SLC
IRQE
PCD
0
0
1
EPP ADDR
PORT
PD0
PD1
PD2
PD3
PD4
PD5
PD6
PD7
2
EPP DATA
PORT 0
PD0
PD1
PD2
PD3
PD4
PD5
PD6
PD7
2
EPP DATA
PORT 1
PD0
PD1
PD2
PD3
PD4
PD5
PD6
PD7
2
EPP DATA
PORT 2
PD0
PD1
PD2
PD3
PD4
PD5
PD6
PD7
2
EPP DATA
PORT 3
PD0
PD1
PD2
PD3
PD4
PD5
PD6
PD7
2
Note 1: These registers are available in all modes.
Note 2: These registers are only available in EPP mode.
Table 39 - Parallel Port Connector
HOST
CONNECTOR
PIN NUMBER
STANDARD
EPP
ECP
1
83
nStrobe
nWrite
nStrobe
2-9
68-75
PD<0:7>
PData<0:7>
PData<0:7>
10
80
nAck
Intr
nAck
11
79
Busy
nWait
Busy, PeriphAck(3)
12
78
PE
(User Defined)
PError,
nAckReverse(3)
13
77
SLCT
(User Defined)
Select
14
82
nALF
nDatastb
nAutoFd,
HostAck(3)
15
81
nError
(User Defined)
nFault(1)
nPeriphRequest(3)
16
66
nInit
nRESET
nInit(1)
nReverseRqst(3)
17
67
nSLCTIN
nAddrstrb
nSelectIn(1,3)
(1) = Compatible Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com