Electronic Components Datasheet Search
  English  ▼

X  

DSP56300FM/AD Datasheet(PDF) 39 Page - Motorola, Inc

Part # DSP56300FM/AD
Description  high density CMOS device with 3.3 V inputs and outputs
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

DSP56300FM/AD Datasheet(HTML) 39 Page - Motorola, Inc

Back Button DSP56300FM/AD Datasheet HTML 35Page - Motorola, Inc DSP56300FM/AD Datasheet HTML 36Page - Motorola, Inc DSP56300FM/AD Datasheet HTML 37Page - Motorola, Inc DSP56300FM/AD Datasheet HTML 38Page - Motorola, Inc DSP56300FM/AD Datasheet HTML 39Page - Motorola, Inc DSP56300FM/AD Datasheet HTML 40Page - Motorola, Inc DSP56300FM/AD Datasheet HTML 41Page - Motorola, Inc DSP56300FM/AD Datasheet HTML 42Page - Motorola, Inc DSP56300FM/AD Datasheet HTML 43Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 128 page
background image
Serial Host Interface SPI Protocol Timing
Freescale Semiconductor
PRELIMINARY
39
Figure 9.
SPI Slave Timing (CPHA = 0)
SS
(Input)
SCK (CPOL = 0)
(Input)
SCK (CPOL = 1)
(Input)
MISO
(Output)
MOSI
(Input)
MSB
LSB
MSB
LSB
HREQ
(Output)
23
24
25
26
26
23
26
26
25
24
35
31
33
34
29
30
38
36
34
32
Valid
Valid
29
30
28
39
27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com