Electronic Components Datasheet Search
  English  ▼

X  

DSP56300FM/AD Datasheet(PDF) 6 Page - Motorola, Inc

Part # DSP56300FM/AD
Description  high density CMOS device with 3.3 V inputs and outputs
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

DSP56300FM/AD Datasheet(HTML) 6 Page - Motorola, Inc

Back Button DSP56300FM/AD Datasheet HTML 2Page - Motorola, Inc DSP56300FM/AD Datasheet HTML 3Page - Motorola, Inc DSP56300FM/AD Datasheet HTML 4Page - Motorola, Inc DSP56300FM/AD Datasheet HTML 5Page - Motorola, Inc DSP56300FM/AD Datasheet HTML 6Page - Motorola, Inc DSP56300FM/AD Datasheet HTML 7Page - Motorola, Inc DSP56300FM/AD Datasheet HTML 8Page - Motorola, Inc DSP56300FM/AD Datasheet HTML 9Page - Motorola, Inc DSP56300FM/AD Datasheet HTML 10Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 128 page
background image
6
PRELIMINARY
Freescale Semiconductor
Signal Groupings
3.3
SCAN
3.4
Clock and PLL
3.5
Interrupt and Mode Control
The interrupt and mode control signals select the chip’s operating mode as it comes out of hardware reset. After RESET is de-
asserted, these inputs are hardware interrupt request lines.
Table 6. SCAN signals
Signal
Name
Type
State
during
Reset
Signal Description
SCAN
Input
Input
SCAN—Manufacturing test pin. This pin must be connected to ground.
Table 7. Clock and PLL Signals
Signal
Name
Type
State
during
Reset
Signal Description
EXTAL
Input
Input
External Clock / Crystal Input—An external clock source must be connected
to EXTAL in order to supply the clock to the internal clock generator and PLL.
XTAL
Output
Chip Driven Crystal Output—Connects the internal Crystal Oscillator output to an
external crystal. If an external clock is used, leave XTAL unconnected.
PINIT/NMI
Input
Input
PLL Initial/Nonmaskable Interrupt—During assertion of RESET, the value of
PINIT/NMI is written into the PLL Enable (PEN) bit of the PLL control
register, determining whether the PLL is enabled or disabled. After RESET
de-assertion and during normal instruction processing, the PINIT/NMI
Schmitt-trigger input is a negative-edge-triggered nonmaskable interrupt
(NMI) request internally synchronized to the internal system clock.
This pin has an internal pull up resistor.
This input is 5 V tolerant.
Table 8. Interrupt and Mode Control
Signal Name
Type
State
during
Reset
Signal Description
MODA/IRQA
Input
MODA
Input
Mode Select A/External Interrupt Request A—MODA/IRQA is an
active-low Schmitt-trigger input, internally synchronized to the DSP
clock. MODA/IRQA selects the initial chip operating mode during
hardware reset and becomes a level-sensitive or negative-edge-
triggered, maskable interrupt request input during normal instruction
processing. This pin can also be programmed as GPIO. MODA, MODB,
MODC, and MODD select one of 16 initial chip operating modes,
latched into the OMR when the RESET signal is de-asserted. If the
processor is in the stop standby state and the MODA/IRQA pin is pulled
to GND, the processor will exit the stop state.
This pin has an internal pull up resistor.
This input is 5 V tolerant.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com